Electronic Components Datasheet Search
  English  ▼

X  

UCC28704 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28704
Description  High-Efficiency Off-Line CV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28704 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28704 Datasheet HTML 1Page - Texas Instruments UCC28704 Datasheet HTML 2Page - Texas Instruments UCC28704 Datasheet HTML 3Page - Texas Instruments UCC28704 Datasheet HTML 4Page - Texas Instruments UCC28704 Datasheet HTML 5Page - Texas Instruments UCC28704 Datasheet HTML 6Page - Texas Instruments UCC28704 Datasheet HTML 7Page - Texas Instruments UCC28704 Datasheet HTML 8Page - Texas Instruments UCC28704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
0
25
50
75
100
CoC V5 Tier-2 Average
DOE Level VI Average
CoC 10% Load
Load (%)
67
70
73
76
79
82
85
88
115 VAC (with SR)
230 VAC (with SR)
115 VAC (without SR)
230 VAC (without SR)
2
CDD
RSTR
6
1
3
4
5
GND
NTC/SU
VS
VDD
DRV
CS
R
S2
R
S1
R
NTC
R
LC
R
CS
CB1
+
COUT
R
PL
D2
Q1
D1
VAUX
NA
VAC
VOUT
VREG
VBLK
UCC28704
-t°
NP
NS
T1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC28704
SLUSCA8A – FEBRUARY 2016 – REVISED FEBRUARY 2016
UCC28704 High-Efficiency Off-Line CV and CC Flyback Controller
with Primary-Side Regulation (PSR)
1
1 Features
1
•
Efficiency Performance Exceeds DoE Level VI
and EU CoC V5 Tier-2 External Power Supply
Standards
•
Primary-Side Regulation Eliminates Opto-Coupler
and Secondary Feedback Components
•
Compatible with Synchronous Rectifier
•
Enables <30-mW No-Load Input Power
•
±5% Output Voltage (CV) and Current (CC)
Regulation
•
Enhanced Dynamic Load Response
•
Constant Current Output Under-Voltage Protection
(CCUV) with Auto-Restart Response
•
Cable Compensation (300 mV at 5-V Full Load)
•
85-kHz Maximum Switching Frequency
•
DCM Valley-Switching Operation
•
Clamped Gate-Drive Output for MOSFET
•
NTC Resistor Interface
•
Resistor or External HV Depletion-Mode FET
Start-Up
•
Fault Protections: Input Low Line, Output Over-
Voltage, Over-Current, and Short-Circuit
•
SOT23-6 Package
2 Applications
•
Adapters and Chargers for Phones and Tablets
•
USB Type-C AC Adapters for Consumer
Electronics
•
Low Power AC to DC SMPS
•
Industrial and Medical SMPS
3 Description
The UCC28704 Off-line flyback controller is a highly
integrated,
6-pin
primary-side
regulated
PWM
controller for designing high efficiency AC-to-DC
power supplies with low standby power consumption
to comply with global efficiency standards. The
controller has ultra-low current consumption at start-
up to enable designs with <30-mW no-load input
power and save standby mode energy consumption.
Intelligent primary-side sensing and control enables
5% output voltage and current control without using
an opto coupler or secondary-side feedback circuits.
UCC28704 incorporates an enhanced load transient
response technique which helps minimize the output
capacitor, reducing the overall system size and cost.
The controller also eliminates the need for loop
compensation components which simplify the design
and debugging process for power supply designers.
The converter output voltage and current is regulated
to prevent overstress conditions that may damage the
load or connectors. Similarly, the CCUV shutdown
feature monitors for an output under voltage fault to
protect connectors from over heat or burn out from
soft shorts, which greatly enhance overall system
reliability. Board or component over temperature
protection is facilitated with an NTC interface pin.
UCC28704 can be readily used with TI secondary-
side synchronous rectifier (SR) controllers at 2-A or
higher output current levels for higher conversion
efficiency or more compact designs.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC28704
SOT23-6
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
5-V, 2-A Adapter Efficiency Performance


Similar Part No. - UCC28704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700 Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI2-UCC28700 Datasheet
1Mb / 36P
UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
REVISED DECEMBER 2014
UCC28700-Q1 TI-UCC28700-Q1 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER27LN STMICROELECTRONICS-VIPER27LN Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
logo
List of Unclassifed Man...
FT838MBD ETC2-FT838MBD Datasheet
413Kb / 12P
High Efficiency Off-Line CC/CV Switch
FT838NB ETC2-FT838NB Datasheet
418Kb / 10P
Low-Power Off-Line CC/CV Switch
FT839NB ETC2-FT839NB Datasheet
377Kb / 14P
High Efficiency Off-Line CC/CV Switch
logo
Power Integrations, Inc...
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com