Electronic Components Datasheet Search
  English  ▼

X  

UCC28704 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28704
Description  High-Efficiency Off-Line CV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28704 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC28704 Datasheet HTML 12Page - Texas Instruments UCC28704 Datasheet HTML 13Page - Texas Instruments UCC28704 Datasheet HTML 14Page - Texas Instruments UCC28704 Datasheet HTML 15Page - Texas Instruments UCC28704 Datasheet HTML 16Page - Texas Instruments UCC28704 Datasheet HTML 17Page - Texas Instruments UCC28704 Datasheet HTML 18Page - Texas Instruments UCC28704 Datasheet HTML 19Page - Texas Instruments UCC28704 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
0
IOCC
Output Current IO
VOCV
Fixed Cable Compensation
Vo at Cable-End
VOCV x (1+ 0.06 x IO/IOCC)
Vo (Board-End) =
VO_CCUV at
Board-End
VO_CCUV at
Cable-End
DMAG
PP
P
OUT
S
SW
t
I
N
I
2
N
t
u
u
tON
tDMAG
tSW
IPP
ISP x NS/NP
t
i
16
UCC28704
SLUSCA8A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: UCC28704
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Primary-Side Constant Current (CC) Regulation
Timing information at the VS pin and current information at the CS pin allow accurate regulation of the secondary
average current. The control law dictates that as power is increased in CV regulation and approaching CC
regulation the primary-peak current is at IPP(max). Referring to Figure 16 below, the primary peak current (IPP),
turns-ratio (NS/NP), secondary demagnetization time (tDMAG), and switching period (tSW) determine the secondary
average output current. Ignoring leakage inductance effects, the average output current is given by Equation 7.
By regulating the secondary rectifier conduction duty cycle, the output average current is constant for given
IPP and transformer turns-ratio. When the load increases, the secondary-side rectifier conduction duty cycle keep
increasing. Once it reaches preset value of 0.475, the converter switching frequency is then reduced to maintain
0.475 secondary-side duty cycle. Therefore, the output current is kept constant. Because the current is kept
constant, the increasing load results in lower output voltage. Converter can shut down in this condition if the
output voltage drops below CCUV protection level, or UCC28704 VDD drops below its UVLO turn-off threshold.
Figure 16. Transformer Currents
(7)
As shown in Figure 17 below, CV mode operation is from IO = 0 to IOCC; at IO = IOCC, the operation enters CC
mode and VO starts to drop as the load resistance becomes further lower while IO is maintained at IOCC until Vo
reaches the CCUV threshold. Details of the CCUV operation are given in Constant Current Under-Voltage
Protection. Figure 17 shows the output at board-end and at cable-end. The cable compensation nominally
compensates 300 mV for a 5V-output at the IOCC level.
Figure 17. Typical Target Output V-I Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com