Electronic Components Datasheet Search
  English  ▼

X  

UCC28704 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28704
Description  High-Efficiency Off-Line CV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28704 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28704 Datasheet HTML 6Page - Texas Instruments UCC28704 Datasheet HTML 7Page - Texas Instruments UCC28704 Datasheet HTML 8Page - Texas Instruments UCC28704 Datasheet HTML 9Page - Texas Instruments UCC28704 Datasheet HTML 10Page - Texas Instruments UCC28704 Datasheet HTML 11Page - Texas Instruments UCC28704 Datasheet HTML 12Page - Texas Instruments UCC28704 Datasheet HTML 13Page - Texas Instruments UCC28704 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
S1
VSR
S2
AS
OCV
F
VSR
R
V
R
N
(V
V )
V
u
u
IN(run)
BULK(run)
S1
PA
VSL(run)
PA
VSL(run)
2
V
V
R
N
I
N
I
u
|
u
u
10
UCC28704
SLUSCA8A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: UCC28704
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Detailed Pin Description
7.3.1.1 VDD (Device Bias Voltage Supply)
The VDD pin is typically powered from a rectified auxiliary transformer winding, the same winding that is used to
capture the output voltage level. A bypass capacitor, with minimum value 0.047
μF, on the VDD pin is used for
initially biasing the device to start-up along with a resistive or active source of start-up charging current. UVLO
start / stop levels of 21 V / 7.7 V accommodate lower values of VDD capacitance that in turns keeps the start-up
current low, which for resistive start-up has an impact on both stand-by power and power-on delay. A high, 35-V,
maximum operating level on VDD alleviates concerns with leakage energy charging of VDD and gives added
flexibility to when varying power supply output voltage must be supported.
7.3.1.2 GND (Ground)
This is an external return pin, and provides the reference point for both external signal and the gate drive of the
device. The VDD bypass capacitor should be placed close to this pin. Critical component GND connections from
the VS, CS and NTC pins should have dedicated and short paths to this pin.
7.3.1.3 VS (Voltage-Sense)
The VS pin is connected to a resistor divider from the auxiliary winding to ground. The output-voltage feedback
information is sampled at the end of the transformer secondary current demagnetization time to provide an
accurate representation of the output voltage. Timing information to achieve valley-switching and to control the
duty cycle of the secondary transformer current is determined by the waveform on the VS pin. The VS input is a
critical signal and will generally be with relatively high impedance. To avoid unpredictable behavior avoid placing
a filter capacitor on this pin and keep the total PCB area tied to VS at a minimum.
The VS pin also senses the bulk capacitor input voltage to provide for ac-input run and stop thresholds, and to
compensate the current-sense threshold across the AC-input range. This information is sensed by monitoring the
current pulled out of the VS pin during the MOSFET on-time. During this time the voltage on the VS pin is
clamped to about 250mV below GND. As a result, the current out of the pin is determined by the upper VS
divider resistor, the auxiliary to primary turns-ratio and the bulk input voltage level. For the AC-input run/stop
function, the run threshold on VS is IVSL(run) (typical 220 µA) and the stop threshold is IVSL(stop) (typical 80 µA).
The values for the auxiliary voltage divider upper-resistor RS1 and lower-resistor RS2 can be determined by the
equations below.
where
•
NPA is the transformer primary-to-auxiliary turns ratio,
•
VIN(run) is the AC rms voltage to enable turn-on of the flyback converter (run),
•
VBULK(run) is the DC bulk voltage to enable turn-on of the flyback converter (run),
•
IVSL(run) is the run-threshold for the current pulled out of the VS pin during the primary MOSFET on-time. (see
the Electrical Characteristics table).
(1)
where
•
VOCV is the converter regulated output voltage,
•
VF is the output rectifier forward voltage drop at near-zero current,
•
NAS is the transformer auxiliary to secondary turns ratio,
•
RS1 is the VS divider high-side resistance,
•
VVSR is the CV regulating level at the VS input (see the Electrical Characteristics table).
(2)
This pin is also used to sense the output constant current under voltage (CCUV) level, used to shut down the
converter in the case of a soft-short circuit at its output. Refer to Constant Current Under-Voltage Protection for
further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com