Electronic Components Datasheet Search
  English  ▼

X  

M02014 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02014
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02014 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
02014-DSH-001-D
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
4.0 Applications Information
4.1
Recommended Pin Diode Connections
Figure 4-1.
Suggested PIN Diode Connection Methods
Recommended Circuit
PINA
DOUT
DOUTB
VCC
PINK
1 nF
M02014
470 pF
VCC
GND
TIA Bond Pad
TO Can Lead
Alternative Circuit: External PD/APD Bias
PINA
DOUT
DOUTB
VCC
PINK
1 nF
500
Ω
470 pF
M02014
PDC_Bias
VCC
PDC
GND
TIA Bond Pad
TO Can Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com