Electronic Components Datasheet Search
  English  ▼

X  

M02014 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02014
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02014 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Applications Information
02014-DSH-001-D
Mindspeed Technologies
®
14
Mindspeed Proprietary and Confidential
4.5
TIA Use with Externally Biased Detectors
In some applications, Mindspeed TIAs are used with detectors biased at a voltage greater than available from TIA
PIN cathode supply. This works well if some basic cautions are observed. When turned off, the input to the TIA
exhibits the following I/V characteristic:
In the positive direction the impedance of the input is relatively high.
Figure 4-5.
TIA Use with Externally Biased Detectors, Powered Off
PINA Unbiased
-300
-250
-200
-150
-100
-50
0
50
100
-800
-600
-400
-200
0
200
400
600
800
1000
1200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com