Electronic Components Datasheet Search
  English  ▼

X  

M02014 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02014
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02014 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
02014-DSH-001-D
Mindspeed Technologies
®
16
Mindspeed Proprietary and Confidential
5.0 Die Specification
Figure 5-1.
Bare Die Layout
Pad
Number
Pad
X
Y
1
AGC
–329
–76
2 (1)
VCC
–329
–228
3
PINK
–124
–434
4
PINA
124
–434
5 (1)
VCC
329
–228
6
MON
329
–76
7
DOUT
329
76
8 (1)
DOUTGND
329
228
9c (1, 2)
GND
329
360
9b (1, 2)
GND
255
434
9a (1, 2)
GND
124
434
10a (1, 2)
GND
–124
434
10b (1, 2)
GND
–255
434
10c (1, 2)
GND
–329
360
11 (1)
DOUTGND
–329
228
12
DOUT
–329
76
NOTES:
1.
It is only necessary to bond one VCC pad and one
GND pad. However, bonding one of each pad (if
available) on each side of the die is encouraged for
improved performance in noisy environments.
2.
Each location is an acceptable bonding location.
NOTES:
Process technology: CMOS, Silicon Nitride passivation
Die thickness: 300 µm
Pad metallization: Aluminium
Die size: 880 µm x 1090
Pad openings (except PinA): 86 µm across flats
PinA pad: 70 µm across flats (70 µm x 70 µm)
Pad Centers in µm referenced to center of device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com