Electronic Components Datasheet Search
  English  ▼

X  

M02014 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02014
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02014 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
02014-DSH-001-D
Mindspeed Technologies
®
1
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC - GND)
-0.4 to +4.0
V
TSTG
Storage temperature
-65 to +150
°C
IIN
PINA Input current
8.0 (1, 2)
mAPP
VPINA, VAGC
Maximum input voltage at PINA and AGC
-0.4 to +2.0 (2)
V
IPINK
Maximum average current sourced out of PINK
10.0
mA
VPINK, VMON
Maximum input voltage at PINK and MON
-0.4 to Vcc +0.4
V
IDout
Maximum average current sourced out of Dout and DoutB
10.0 (3)
mA
VDout
Maximum input voltage at Dout and DoutB
0.0 to +2.0 (3)
V
NOTES:
1.
Equivalent to 4.9 mA average current.
2.
Do not exceed either the IIN or VPINA rating. PINA damage will result in performance degradation which is difficult to detect.
3.
Do not exceed either the IDout or VDout rating. Output device damage could occur.
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC – GND)
3.3 ± 10%
V
CPD
Max. Photodiode capacitance (Vr = 1.8V), for 2.5 Gbps data rate
0.5
pF
TA
Operating ambient temperature
–40 to +95
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com