Electronic Components Datasheet Search
  English  ▼

X  

XCL221 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCL221
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL221 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCL221 Datasheet HTML 3Page - Torex Semiconductor XCL221 Datasheet HTML 4Page - Torex Semiconductor XCL221 Datasheet HTML 5Page - Torex Semiconductor XCL221 Datasheet HTML 6Page - Torex Semiconductor XCL221 Datasheet HTML 7Page - Torex Semiconductor XCL221 Datasheet HTML 8Page - Torex Semiconductor XCL221 Datasheet HTML 9Page - Torex Semiconductor XCL221 Datasheet HTML 10Page - Torex Semiconductor XCL221 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
XCL221/XCL222
Series
■
OPERATIONAL EXPLANATION
The XCL221/XCL222 series consists of a reference voltage source, error amplifier, comparator, phase compensation,
minimum on time generation circuit, output voltage adjustment resistors, P-channel MOS driver transistor, N-channel MOS
switching transistor for the synchronous switch, current limiter circuit, UVLO circuit, thermal shutdown circuit, short protection
circuit, PWM/PFM selection circuit and others. (See the BLOCK DIAGRAM below.)
The method is HiSAT-COT (High Speed circuit Architecture for Transient with Constant On Time) control, which features on
time control method and a fast transient response that also achieves low output voltage ripple.
The on time (ton) is determined by the input voltage and output voltage, and turns on the Pch MOS driver Tr. for a fixed time.
During the off time (toff), the voltage that is fed back through R1 and R2 is compared to the reference voltage by the error amp,
and the error amp output is phase compensated and sent to the comparator. The comparator compares this signal to the
reference voltage, and if the signal is lower than the reference voltage, sets the SR latch. On time then resumes. By doing this,
PWM operation takes place with the off time controlled to the optimum duty ratio and the output voltage is stabilized. The phase
compensation circuit optimizes the frequency characteristics of the error amp, and generates a ramp wave similar to the ripple
voltage that occurs in the output to modulate the output signal of the error amp. This enables a stable feedback system to be
obtained even when a low ESR capacitor such as a ceramic capacitor is used, and a fast transient response and stabilization of
the output voltage are achieved.
<Minimum on time generation circuit>
Generates an on time that depends on the input voltage and output voltage (ton). The on time is set as given by the equations below.
fosc=1.2MHz
ton (μs) = VOUT/VIN×0.833
<Switching frequency>
The switching frequency can be obtained from the on time (ton), which is determined by the input voltage and output voltage,
as given by the equation below.
fOSC (MHz) = VOUT(V) / (VIN(V)×ton(μs))
<100% duty cycle mode>
When the load current is heavy and the voltage difference between input voltage and output voltage is small, 100% duty cycle
mode is activated and it keeps the Pch MOS driver Tr. turning on. 100% duty cycle mode attains a high output voltage stability
and a high-speed response under all load conditions, from light to heavy, even in conditions where the dropout voltage is low.
<Error amp>
The error amp monitors the output voltage. The voltage divided by the internal R1 and R2 resistors is a feedback voltage for
Error Amp. and compared to the reference voltage. The output voltage of the error amp becomes higher when the feedback
voltage is higher than the reference voltage. The frequency characteristics of the error amp are optimized internally.
<BLOCK DIAGRAM>
Lx
Inductor
PGND
L2
L1
VIN
VOUT
CE
Error
Amp.
High Side
Current Limit
Comparator
Phase
Compensation
R2
R1
Synch
Buffer
Drive
Logic
Minimum
On Time
Generator
S
R
Q
PWM/PFM
Selector
VIN
VOUT
Vref with
Soft Start
CE Control Logic,
UVLO
Thermal Shutdown
Short
Protection
CFB
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com