Electronic Components Datasheet Search
  English  ▼

X  

XCL221 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL221
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL221 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL221 Datasheet HTML 1Page - Torex Semiconductor XCL221 Datasheet HTML 2Page - Torex Semiconductor XCL221 Datasheet HTML 3Page - Torex Semiconductor XCL221 Datasheet HTML 4Page - Torex Semiconductor XCL221 Datasheet HTML 5Page - Torex Semiconductor XCL221 Datasheet HTML 6Page - Torex Semiconductor XCL221 Datasheet HTML 7Page - Torex Semiconductor XCL221 Datasheet HTML 8Page - Torex Semiconductor XCL221 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XCL221/XCL222 Series
■
BLOCK DIAGRAM
* The XCL221 offers a fixed PWM control, a Control Logic of PWM/PFM Selector is fixed at “PWM” internally.
The XCL222 control scheme is a fixed PWM/PFM automatic switching, a Control Logic of PWM/PFM Selector is fixed at “PWM/PFM automatic
switching” internally.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
■
PRODUCT CLASSIFICATION
●
Ordering Information
XCL221①②③④⑤⑥-⑦
PWM
XCL222①②③④⑤⑥-⑦
PWM/PFM Automatic switching control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
B
Refer to Selection Guide
②③
Output Voltage
08~36
Output Voltage options
e.g.)1.2V → ②=1, ③=2
1.25V → ②=1, ③=C
0.05V Increments:
0.05=A,0.15=B,0.25=C,0.35=D,0.45=E,0.55=F,0.65=H,
0.75=K,0.85=L,0.95=M
④
Oscillation Frequency
1
1.2MHz
⑤⑥
-⑦(*1)
Package (Order Unit)
ER-G
CL-2025-02 (3,000pcs/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
●Selection Guide
TYPE
OUTPUT
VOLTAGE
CL AUTO-
DISCHARGE
LATCH or
SHORT
PROTECTION
UVLO
CHIP
ENABLE
CURRENT
LIMIT
SOFT-
START
THERMAL
SHUTDOWN
B
Fixed
Yes
Yes
Yes
Yes
Yes
Fixed
Yes
Lx
Inductor
PGND
L2
L1
VIN
VOUT
CE
Error
Amp.
High Side
Current Limit
Comparator
Phase
Compensation
R2
R1
Synch
Buffer
Drive
Logic
Minimum
On Time
Generator
S
R
Q
PWM/PFM
Selector
VIN
VOUT
Vref with
Soft Start
CE Control Logic,
UVLO
Thermal Shutdown
Short
Protection
CFB
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com