Electronic Components Datasheet Search
  English  ▼

X  

XCL221 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL221
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL221 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL221 Datasheet HTML 1Page - Torex Semiconductor XCL221 Datasheet HTML 2Page - Torex Semiconductor XCL221 Datasheet HTML 3Page - Torex Semiconductor XCL221 Datasheet HTML 4Page - Torex Semiconductor XCL221 Datasheet HTML 5Page - Torex Semiconductor XCL221 Datasheet HTML 6Page - Torex Semiconductor XCL221 Datasheet HTML 7Page - Torex Semiconductor XCL221 Datasheet HTML 8Page - Torex Semiconductor XCL221 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XCL221/XCL222Series
0.5A Inductor Built-in Step-Down “micro DC/DC” Converters
☆
GreenOperationCompatible
ETR28008-001
■
GENERAL DESCRIPTION
The XCL221/XCL222 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a
control IC in one tiny package (2.0mm×2.5mm, h=1.0mm). An internal coil simplifies the circuit and enables minimization of
noise and other operational trouble due to the circuit wiring. A wide operating voltage range of 2.5V to 5.5V enables support
for applications that require an internally fixed output voltage (0.8V to 3.6V). The XCL221/XCL222 series uses synchronous
rectification at an operating frequency of 1.2MHz. The XCL221/XCL222 series uses HiSAT-COT (*) synchronous rectification.
HiSAT-COT+PWM control (XCL221) or HiSAT-COT+automatic PWM/PFM switching control (XCL222) can be selected.
The series have a high speed soft-start as fast as 0.25ms (TYP.) in typical for quick turn-on. With the built-in UVLO (Under
Voltage Lock Out) function, the internal P-channel driver transistor is forced OFF when input voltage becomes 2.0V or lower.
When CE=Low, the integrated CL discharge function which enables the electric charge at the output capacitor CL to be
discharged via the internal discharge switch located between the LX and PGND pins. The power consumption will be less than
1.0μA.
(*) HiSAT-COT is an original Torex term for High Speed Transient Response.
■
APPLICATIONS
●Wearable Device
●Bluetooth Module
●SSD(Solid State Drive)
●Mobile phone
●Digital still camera
●Portable game devices
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
TYPICAL APPLICATION CIRCUIT
■
FEATURES
Input Voltage
: 2.5V~5.5V
Output Voltage
: 0.8V~3.6V(±2.0%)
Oscillation Frequency
: 1.2MHz
Output Current
: 500mA
Efficiency
: 93% (VIN=5.0V, VOUT=3.3V/200mA)
Control Methods
: HiSAT-COT
100% Duty Cycle
PWM (XCL221)
PWM/PFM (XCL222)
Circuit Protection
: Thermal Shut Down
Current Limit Circuit (Drop)
Short Circuit Protection (Latch)
Functions
: Soft-start Circuit Built-in
UVLO
CL Discharge
Output Capacitor
: Low ESR Ceramic Capacitor
Operating Ambient Temperature : -40℃~+105℃
Package
: CL-2025-02
Environmental Friendly
: EU RoHS Compliant, Pb Free
XCL222B181ER-G (VOUT=1.8V)
0.5A
CIN
4.7μF
CL
10μF
7
8
1
2
3
4
5
6
PGND
VIN
Lx
CE
VOUT
AGND


Similar Part No. - XCL221

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL220B083 TOREX-XCL220B083 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL220B083FR-G TOREX-XCL220B083FR-G Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
XCL220B093 TOREX-XCL220B093 Datasheet
1,008Kb / 20P
HiSAT-COT ® Control 1.0A Inductor Built-in Step-Down “micro DC/DC” Converters
002
More results

Similar Description - XCL221

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com