Electronic Components Datasheet Search
  English  ▼

X  

XCL221 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL221
Description  0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL221 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL221 Datasheet HTML 1Page - Torex Semiconductor XCL221 Datasheet HTML 2Page - Torex Semiconductor XCL221 Datasheet HTML 3Page - Torex Semiconductor XCL221 Datasheet HTML 4Page - Torex Semiconductor XCL221 Datasheet HTML 5Page - Torex Semiconductor XCL221 Datasheet HTML 6Page - Torex Semiconductor XCL221 Datasheet HTML 7Page - Torex Semiconductor XCL221 Datasheet HTML 8Page - Torex Semiconductor XCL221 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
XCL221/XCL222
Series
NOTE:
The integrated Inductor can be used only for this
DC/DC converter. Please do not use this inductor for
other reasons.
■
ELECTRICAL CHARACTERISTICS (Continued)
●
SPEC Table (VOUT, tONmin)
NOMINAL
OUTPUT
VOLTAGE
VOUT
tONmin
NOMINAL
OUTPUT
VOLTAGE
VOUT
tONmin
fOSC=1.2MHz
fOSC=1.2MHz
<E-1>
<E-2>
<E-3>
<C-1>
<E-5>
<E-6>
<E-7>
<E-1>
<E-2>
<E-3>
<C-1>
<E-5>
<E-6>
<E-7>
VOUT(T)
MIN.
TYP.
MAX.
VIN
MIN.
TYP.
MAX.
VOUT(T)
MIN.
TYP.
MAX.
VIN
MIN.
TYP.
MAX.
0.80
0.784
0.800
0.816
2.50
187
267
347
2.25
2.205
2.250
2.295
3.75
350
500
650
0.85
0.833
0.850
0.867
2.50
198
283
368
2.30
2.254
2.300
2.346
3.83
350
500
650
0.90
0.882
0.900
0.918
2.50
210
300
390
2.35
2.303
2.350
2.397
3.92
350
500
650
0.95
0.931
0.950
0.969
2.50
222
317
412
2.40
2.352
2.400
2.448
4.00
350
500
650
1.00
0.980
1.000
1.020
2.50
233
333
433
2.45
2.401
2.450
2.499
4.08
350
500
650
1.05
1.029
1.050
1.071
2.50
245
350
455
2.50
2.450
2.500
2.550
4.17
350
500
650
1.10
1.078
1.100
1.122
2.50
257
367
477
2.55
2.499
2.550
2.601
4.25
350
500
650
1.15
1.127
1.150
1.173
2.50
268
383
498
2.60
2.548
2.600
2.652
4.33
350
500
650
1.20
1.176
1.200
1.224
2.50
280
400
520
2.65
2.597
2.650
2.703
4.42
350
500
650
1.25
1.225
1.250
1.275
2.50
292
417
542
2.70
2.646
2.700
2.754
4.50
350
500
650
1.30
1.274
1.300
1.326
2.50
303
433
563
2.75
2.695
2.750
2.805
4.58
350
500
650
1.35
1.323
1.350
1.377
2.50
315
450
585
2.80
2.744
2.800
2.856
4.67
350
500
650
1.40
1.372
1.400
1.428
2.50
327
467
607
2.85
2.793
2.850
2.907
4.75
350
500
650
1.45
1.421
1.450
1.479
2.50
338
483
628
2.90
2.842
2.900
2.958
4.83
350
500
650
1.50
1.470
1.500
1.530
2.50
350
500
650
2.95
2.891
2.950
3.009
4.92
350
500
650
1.55
1.519
1.550
1.581
2.58
350
500
650
3.00
2.940
3.000
3.060
5.00
350
500
650
1.60
1.568
1.600
1.632
2.67
350
500
650
3.05
2.989
3.050
3.111
5.08
350
500
650
1.65
1.617
1.650
1.683
2.75
350
500
650
3.10
3.038
3.100
3.162
5.17
350
500
650
1.70
1.666
1.700
1.734
2.83
350
500
650
3.15
3.087
3.150
3.213
5.25
350
500
650
1.75
1.715
1.750
1.785
2.92
350
500
650
3.20
3.136
3.200
3.264
5.33
350
500
650
1.80
1.764
1.800
1.836
3.00
350
500
650
3.25
3.185
3.250
3.315
5.42
350
500
650
1.85
1.813
1.850
1.887
3.08
350
500
650
3.30
3.234
3.300
3.366
5.50
350
500
650
1.90
1.862
1.900
1.938
3.17
350
500
650
3.35
3.283
3.350
3.417
5.50
355
508
660
1.95
1.911
1.950
1.989
3.25
350
500
650
3.40
3.332
3.400
3.468
5.50
361
515
670
2.00
1.960
2.000
2.040
3.33
350
500
650
3.45
3.381
3.450
3.519
5.50
366
523
680
2.05
2.009
2.050
2.091
3.42
350
500
650
3.50
3.430
3.500
3.570
5.50
371
530
689
2.10
2.058
2.100
2.142
3.50
350
500
650
3.55
3.479
3.550
3.621
5.50
377
538
699
2.15
2.107
2.150
2.193
3.58
350
500
650
3.60
3.528
3.600
3.672
5.50
382
545
709
2.20
2.156
2.200
2.244
3.67
350
500
650
■
TYPICAL CIRCUIT
VALUE
PRODUCT NUMBER
CIN
10V/4.7μF
LMK105BBJ475MVLF(Taiyo Yuden)
LMK107BJ475KA (TaiyoYuden)
C1608X5R1A475K (TDK)
C2012X7R1A475M(TDK)
CL
10V/10μF
LMK105CBJ106MVLF(Taiyo Yuden)
LMK107BBJ106MALT (TaiyoYuden)
C1608X5R1A106K (TDK)
C2012X7R1A106M(TDK)
0.5A
CIN
4.7μF
CL
10μF
7
8
1
2
3
4
5
6
PGND
VIN
Lx
CE
VOUT
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com