Electronic Components Datasheet Search
  English  ▼

X  

SPX2969 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2969
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2969 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2969 Datasheet HTML 1Page - Sipex Corporation SPX2969 Datasheet HTML 2Page - Sipex Corporation SPX2969 Datasheet HTML 3Page - Sipex Corporation SPX2969 Datasheet HTML 4Page - Sipex Corporation SPX2969 Datasheet HTML 5Page - Sipex Corporation SPX2969 Datasheet HTML 6Page - Sipex Corporation SPX2969 Datasheet HTML 7Page - Sipex Corporation SPX2969 Datasheet HTML 8Page - Sipex Corporation SPX2969 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date: 8/4/04
SPX2969 150mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
150mA Low Dropout Voltage Regulator
SPX2969
DESCRIPTION
FEATURES
■ 5V Fixed Output
■ 150mA current capability
■ 250mV Dropout
■ Programmable Reset Threshold
■ 250µA Quiescent Current
■ Over Temperature Protection
■ Reverse Polarity Protection
■ Integrated Pull Up Resistor on Logic Outputs
■ -40° to 125°C Operating Range
■ Available in 8 Pin and 14 Pin nSOIC or 20
Pin wSOIC packages.
®
Sipex’s SPX2969 is a low dropout linear regulator with integrated PNP pass transistor. The part
is designed for automotive environment, and thus can withstand up to 45V and 125°C
temperature range. The output voltage is set at a fixed 5V, and the part is guaranteed to deliver
at least 150mA. The SPX2969 provides multiple protection mechanisms, including over-
temperature and over-current conditions. The part has a built-in reset circuit to monitor when the
output voltage is below 4.65V. The reset voltage threshold can be programmed down to 3.5V
using an external resistor voltage divider, while the reset timing can be programmed via an
external capacitor. A built in comparator compares the signal of the pin SI, normally fed by a
voltage divider from the input voltage, with the reference and gives an early warning on the pin
SO. Both the sense output and the reset output delay signals contain integrated 20kOhm pull up
resistors. The part is available in three package types: 8 Pin and 14 Pin nSOIC or 20 Pin wSOIC
packages.
TYPICAL APPLICATION CIRCUIT
Advanced
GND
I
Q
SO
D
SI
12V
RO
5V
SPX2969
RADJ2
RADJ1 +
+
22µF
1000µF
RS1
RS2
0.1µF
RESET OUT
RADJ
APPLICATIONS
■ Automotive
■ Industrial
■ Wireless Base Station
1
2
3
4
5
6
7
8
I
SPX2969
8 PIN NSOIC
GND
SI
SO
RO
D
Q
RADJ
Now Available in Lead Free Packaging


Similar Part No. - SPX2969

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
SPX2967T SIPEX-SPX2967T Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
SPX2967U SIPEX-SPX2967U Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2969

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
150mA Low Dropout Voltage Regulator
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com