Electronic Components Datasheet Search
  English  ▼

X  

SPX2969 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2969
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2969 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2969 Datasheet HTML 1Page - Sipex Corporation SPX2969 Datasheet HTML 2Page - Sipex Corporation SPX2969 Datasheet HTML 3Page - Sipex Corporation SPX2969 Datasheet HTML 4Page - Sipex Corporation SPX2969 Datasheet HTML 5Page - Sipex Corporation SPX2969 Datasheet HTML 6Page - Sipex Corporation SPX2969 Datasheet HTML 7Page - Sipex Corporation SPX2969 Datasheet HTML 8Page - Sipex Corporation SPX2969 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 8/4/04
SPX2969 150mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
VIN = 13.5V; -40°C < TJ < 125°C. The ♦ denotes the specifications which apply over the full operating temperature range, unless
otherwise specified.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
r
o
t
a
r
e
n
e
G
t
e
s
e
R
g
n
i
h
c
t
i
w
S
y
a
l
e
D
r
e
p
p
U
d
l
o
h
s
e
r
h
T
V
D
U
4
.
18
.
12
.
2V
♦ -
g
n
i
h
c
t
i
w
S
y
a
l
e
D
r
e
w
o
L
d
l
o
h
s
e
r
h
T
V
D
L
3
.
05
4
.
00
6
.
0V
♦ -
y
a
l
e
D
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
o
t
i
c
a
p
a
C
V
T
A
S
,
D
--
1
.
0V
♦ V
Q
V
<
T
R
t
n
e
r
r
u
C
e
g
r
a
h
CI
D
0
.
35
.
65
.
9A
µ
♦ V
D
V
1
=
H
‘
L
e
m
i
T
y
a
l
e
Dt
D
7
18
2-
s
m
♦ C
D
F
n
0
0
1
=
L
‘
H
e
m
i
T
y
a
l
e
Dt
t
-1
-
s
µ
♦ C
D
F
n
0
0
1
=
e
s
n
e
S
e
g
a
t
l
o
V
t
u
p
n
I
h
g
i
H
d
l
o
h
s
e
r
h
T
e
s
n
e
SV
h
g
i
h
,
I
S
4
2
.
11
3
.
18
3
.
1V
♦ -
w
o
L
d
l
o
h
s
e
r
h
T
e
s
n
e
SV
w
o
l
,
I
S
6
1
.
10
2
.
18
2
.
1V
♦ -
e
g
a
t
l
o
V
w
o
l
t
u
p
t
u
O
e
s
n
e
SV
w
o
l
,
O
S
-1
.
04
.
0V
♦
V
I
S
V
0
2
.
1
<
V
Q
V
3
>
R
n
r
e
t
n
i
p
u
ll
u
P
e
s
n
e
S-
0
10
20
4K
♦ -
t
n
e
r
r
u
C
t
u
p
n
I
e
s
n
e
Si
i
s
1
-1
.
01
A
µ
♦ -
e
m
i
T
e
s
n
o
p
s
e
R
e
s
n
e
S-
2
s
µ
♦ -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com