Electronic Components Datasheet Search
  English  ▼

X  

SPX2969 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2969
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2969 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2969 Datasheet HTML 1Page - Sipex Corporation SPX2969 Datasheet HTML 2Page - Sipex Corporation SPX2969 Datasheet HTML 3Page - Sipex Corporation SPX2969 Datasheet HTML 4Page - Sipex Corporation SPX2969 Datasheet HTML 5Page - Sipex Corporation SPX2969 Datasheet HTML 6Page - Sipex Corporation SPX2969 Datasheet HTML 7Page - Sipex Corporation SPX2969 Datasheet HTML 8Page - Sipex Corporation SPX2969 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Date: 8/4/04
SPX2969 150mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Input Voltage ...................................................................... -40V to 45V
Input Current ............................................................... internally limited
Sense Input Voltage ........................................................... -40V to 45V
Sense Input Current ......................................................... -1mA to 1mA
Reset Threshold Voltage ....................................................... -0.3 to 7V
Reset Threshold Current ................................................... -10 to 10mA
Reset Delay Voltage ............................................................. -0.3 to 7V
Reset Delay Current .................................................... internally limited
Ground Current .................................................................. 50mA (min)
Reset Output Voltage ............................................................ -0.3 to 7V
Reset Output Current .................................................. internally limited
Sense Output Voltage ........................................................... -0.3 to 7V
Sense Output Current ................................................. internally limited
Output Voltage ...................................................................... -0.3 to 7V
Output Current ............................................................ internally limited
Thermal Data
Junction Ambient (8 Pin NSOIC) ............................................. 163°C/W
Junction Ambient (20 Pin WSOIC) ............................................ 70°C/W
Junction Ambient (14 Pin NSOIC) ............................................. 70°C/W
Storage Temperature .................................................. -50°C to +150°C
Junction Temperature.(Note 1)...........................................-50°C+150°C
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
VIN = 13.5V; -40°C < TJ < 125°C. The ♦ denotes the specifications which apply over the full operating temperature range, unless
otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Note 1: Specifications in the -40°C to 150°C range are guaranteed by design, not production tested.
Note 2: Drop voltage = VI - VQ measured when the output voltage has dropped 100mV from the nominal value obtained at 13.5V input.
Note 3: The reset threshold VRT can be decreased via an external voltage divider connected to the RADJ. In this case the reset condition is reached if
VQ < VRT and VRADJ < VRAQDJ, TH . Dimensioning the voltage divider according to: VTHRES = VRADJ, TH X (RADJ1 +RADJ2 )/RADJ2.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
a
l
o
V
t
u
p
t
u
OV
Q
0
9
.
40
0
.
50
1
.
5V
♦
I
<
A
m
1
Q
A
m
0
0
1
V
<
V
6
I
V
6
1
<
t
i
m
i
L
t
n
e
r
r
u
CI
Q
0
5
10
5
20
0
5A
m
♦ -
t
n
e
r
r
u
C
n
o
i
t
p
m
u
s
n
o
C
I
q
I
=
I
I
-
Q
I
q
-0
4
20
0
3A
µI
Q
j
T
,
A
m
1
<C
°
5
8
<
t
n
e
r
r
u
C
n
o
i
t
p
m
u
s
n
o
C
I
q
I
=
I
I
-
Q
I
q
-0
5
20
0
7A
µ
♦ I
Q
A
m
0
1
=
t
n
e
r
r
u
C
n
o
i
t
p
m
u
s
n
o
C
I
q
I
=
I
I
-
Q
I
q
-2
8
A
m
♦ I
Q
A
m
0
5
=
e
g
a
t
l
o
V
p
o
r
DV
R
D
-5
2
.
05
.
0V
♦
I
Q
s
p
o
r
d
t
u
p
t
u
o
n
e
h
w
)
I
-
Q
(
A
m
0
0
1
=
)
2
e
t
o
n
e
e
s
(
%
2
w
o
l
e
b
n
o
i
t
a
l
u
g
e
R
d
a
o
LV
Q
-2
0
2V
m
♦ I
Q
A
m
0
0
1
o
t
A
m
5
=
n
o
i
t
a
l
u
g
e
R
e
n
i
LV
Q
-1
0
1V
m
♦
V
I
V
6
2
o
t
V
6
=
I
Q
A
m
1
=
r
o
t
a
r
e
n
e
G
t
e
s
e
R
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
TV
T
R
0
5
.
45
6
.
40
8
.
4V
♦ -
t
s
u
j
d
A
t
e
s
e
RV
H
T
,
J
D
A
R
6
2
.
15
3
.
14
4
.
1V
♦ V
Q
)
3
e
t
o
n
e
e
s
(
V
5
.
3
=
p
u
ll
u
P
t
e
s
e
R-
0
10
20
4K
♦ -
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
SV
T
A
S
,
O
R
-1
.
04
.
0V
♦ R
n
r
e
t
n
i



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com