Electronic Components Datasheet Search
  English  ▼

X  

SPX2969 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2969
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2969 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2969 Datasheet HTML 1Page - Sipex Corporation SPX2969 Datasheet HTML 2Page - Sipex Corporation SPX2969 Datasheet HTML 3Page - Sipex Corporation SPX2969 Datasheet HTML 4Page - Sipex Corporation SPX2969 Datasheet HTML 5Page - Sipex Corporation SPX2969 Datasheet HTML 6Page - Sipex Corporation SPX2969 Datasheet HTML 7Page - Sipex Corporation SPX2969 Datasheet HTML 8Page - Sipex Corporation SPX2969 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 8/4/04
SPX2969 150mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
P)
C
I
O
N
N
I
P
8
(
N
O
I
T
P
I
R
C
S
E
D
1V
N
I
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
C
a
h
t
i
w
D
N
G
o
t
k
c
o
l
b
.
t
u
p
n
I
2N
I
E
S
N
E
SQ
o
t
t
c
e
n
n
o
c
d
e
e
n
t
o
n
f
I
.
t
u
p
n
I
e
s
n
e
S
3R
J
D
A
D
N
G
o
t
t
c
e
n
n
o
c
d
e
d
e
e
n
t
o
n
f
I
.
j
d
A
d
l
o
h
h
s
e
r
h
T
t
e
s
e
R
4Y
A
L
E
D
.
r
o
t
i
c
a
p
a
c
a
i
v
D
N
G
o
t
t
c
e
n
n
o
c
,
e
m
i
t
y
a
l
e
d
t
c
e
l
e
s
o
T
.
y
a
l
e
D
t
e
s
e
R
5D
N
Gd
n
u
o
r
G
6T
E
S
E
R
t
i
p
e
e
K
.
r
o
t
s
i
s
e
r
a
a
i
v
Q
o
t
d
e
k
n
il
y
ll
a
n
r
e
t
n
i
s
i
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
-
n
e
p
o
e
h
T
.
t
u
p
t
u
O
t
e
s
e
R
.
d
e
d
e
e
n
t
o
n
f
i
n
e
p
o
7T
U
O
E
S
N
E
S
t
i
p
e
e
K
.
r
o
t
s
i
s
e
r
a
a
i
v
Q
o
t
d
e
k
n
il
y
ll
a
n
r
e
t
n
i
s
i
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
-
n
e
p
o
e
h
T
.
t
u
p
t
u
O
e
s
n
e
S
.
d
e
d
e
e
n
t
o
n
f
i
n
e
p
o
8V
T
U
O
0
1
<
R
S
E
,
r
o
t
i
c
a
p
a
c
F
µ
0
1
a
h
t
i
w
D
N
G
o
t
t
c
e
n
n
o
C
.
t
u
p
t
u
O
V
5
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
P)
C
I
O
N
E
D
I
W
N
I
P
0
2
(
N
O
I
T
P
I
R
C
S
E
D
1R
J
D
A
D
N
G
o
t
t
c
e
n
n
o
c
d
e
d
e
e
n
t
o
n
f
I
.j
d
A
d
l
o
h
s
e
r
h
T
t
e
s
e
R
2Y
A
L
E
D
.
r
o
ti
c
a
p
a
c
a
i
v
D
N
G
o
t
t
c
e
n
n
o
c
,
e
m
it
y
a
l
e
d
t
c
e
l
e
s
o
T
.
y
a
l
e
d
t
e
s
e
R
3C
Nt
c
e
n
n
o
C
o
N
4D
N
Gd
n
u
o
r
G
5D
N
Gd
n
u
o
r
G
6D
N
Gd
n
u
o
r
G
7D
N
Gd
n
u
o
r
G
8C
Nt
c
e
n
n
o
c
o
N
9C
Nt
c
e
n
n
o
c
o
N
0
1T
E
S
E
R
p
e
e
K
.
r
o
t
s
i
s
e
r
p
u
ll
u
p
m
h
o
K
0
2
a
a
i
v
Q
o
t
d
e
k
n
il
y
ll
a
n
r
e
t
n
i
s
i
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
-
n
e
p
o
e
h
T
.
t
u
p
t
u
O
t
e
s
e
R
.
d
e
d
e
e
n
t
o
n
fi
n
e
p
o
1
1T
U
O
E
S
N
E
S
p
u
ll
u
p
m
h
o
k
0
2
a
a
i
v
t
u
p
t
u
o
e
h
t
o
t
d
e
k
n
il
y
ll
a
n
r
e
t
n
i
s
i
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
n
e
p
o
e
h
T
.
t
u
p
t
u
o
e
s
n
e
S
.
d
e
d
e
e
n
t
o
n
fi
n
e
p
o
p
e
e
K
.
r
o
t
s
i
s
e
r
2
1V
T
U
O
0
1
<
R
S
E
,
r
o
ti
c
a
p
a
c
F
u
0
1
a
h
ti
w
D
N
G
o
t
t
e
c
n
n
o
C
.
t
u
p
t
u
O
V
5
3
1C
Nt
c
e
n
n
o
C
o
N
4
1D
N
Gd
n
u
o
r
G
5
1D
N
Gd
n
u
o
r
G
6
1D
N
Gd
n
u
o
r
G
7
1D
N
Gd
n
u
o
r
G
8
1C
Nt
c
e
n
n
o
C
o
N
9
1V
N
I
.
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
a
h
ti
w
C
I
e
h
t
t
a
y
lt
c
e
r
i
d
D
N
G
o
t
s
s
a
p
y
B
.
t
u
p
n
I
0
2N
I
E
S
N
E
SV
o
t
t
c
e
n
n
o
c
d
e
d
e
e
n
t
o
n
f
I
.
t
u
p
n
I
e
s
n
e
S
T
U
O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com