Electronic Components Datasheet Search
  English  ▼

X  

NJU62221 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU62221
Description  1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU62221 Datasheet(HTML) 2 Page - New Japan Radio

  NJU62221 Datasheet HTML 1Page - New Japan Radio NJU62221 Datasheet HTML 2Page - New Japan Radio NJU62221 Datasheet HTML 3Page - New Japan Radio NJU62221 Datasheet HTML 4Page - New Japan Radio NJU62221 Datasheet HTML 5Page - New Japan Radio NJU62221 Datasheet HTML 6Page - New Japan Radio NJU62221 Datasheet HTML 7Page - New Japan Radio NJU62221 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2012/07/25 ( 2 / 8 )
NJU6221 Series
s
PAD LOCATION
s
LINE-UP TABLE
s
COORDINATES
Version
Type No.
FOUT
Type A
Type B
Type C
f0
A1
B1
C1
f0/2
A2*
B2*
C2*
f0/4
A3*
B3*
C3*
f0/8
A4*
B4*
C4*
f0/16
A5*
B5*
C5*
f0/32
A6*
B6*
C6*
NJU6221
f0/64
A7*
B7*
C7*
* Under development
Pad No.
X
Y
1
-261.5
198.5
2
-261.5
-21.5
3
-146.5
-211.5
4
144.5
-211.5
5
260.5
-21.5
6
260.5
198.5
Starting Point: Die Center Unit[um]
Die Size: 0.73x0.63mm
Die Thickness (C-V): 130
±15um
Wafer Thickness (W-H): 200
±20um
Pad size: 80x80um
Die Substrate: VSS level
3
1
2
6
5
4
CONT
FOUT
VSS
VDD
XTI
XTO
Type A
( For Flip Chip Bonding )
3
1
2
6
5
4
CONT
FOUT
VDD
VSS
XTO
XTI
Type B
( For Wire Bonding I )
3
1
2
6
5
4
CONT
FOUT
VDD
VSS
XTI
XTO
Type C
( For Wire Bonding II )
X
Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com