Electronic Components Datasheet Search
  English  ▼

X  

NJU62221 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU62221
Description  1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU62221 Datasheet(HTML) 7 Page - New Japan Radio

  NJU62221 Datasheet HTML 1Page - New Japan Radio NJU62221 Datasheet HTML 2Page - New Japan Radio NJU62221 Datasheet HTML 3Page - New Japan Radio NJU62221 Datasheet HTML 4Page - New Japan Radio NJU62221 Datasheet HTML 5Page - New Japan Radio NJU62221 Datasheet HTML 6Page - New Japan Radio NJU62221 Datasheet HTML 7Page - New Japan Radio NJU62221 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2012/07/25 ( 7 / 8 )
NJU6221 Series
s
EXAMPLE OF CRYSTAL PARAMETERS FOR MEASUREMENT CIRCUITS
s
MEASUREMENT CIRCUITS
(1)Operating Current, Output Signal Symmetry, Output Signal Rise/Fall Time (CL=15pF)
(2)Output Disable Time (CL=15pF,RL=1kΩ)
(3)Output Enable Time (CL=15pF)
f[MHz]
R1[Ω]
L1[mH]
C1[fF]
C0[pF]
60
31.18
3.75
1.87
0.92
1
C
0
C
1
R
1
L
L
1/2VDD
H
tr
tf
90%
10%
50%
CL=15pF
VDD
VSS
XTI
FOUT
0.1uF
XTO
tPOZ
0.2VDD
VOL
FOUT
CONT
RL=1kΩ
CL=15pF
Pulse
Generator
50Ω
VDD
VSS
FOUT
CONT
0.1uF
XTI
XTO
tPZO
0.8VDD
VOH
FOUT
CONT
CL=15pF
VDD
VSS
FOUT
0.1uF
Pulse
Generator
50Ω
CONT
XTI
XTO
Pulse
Generator
50Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com