Electronic Components Datasheet Search
  English  ▼

X  

NJU62221 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU62221
Description  1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU62221 Datasheet(HTML) 5 Page - New Japan Radio

  NJU62221 Datasheet HTML 1Page - New Japan Radio NJU62221 Datasheet HTML 2Page - New Japan Radio NJU62221 Datasheet HTML 3Page - New Japan Radio NJU62221 Datasheet HTML 4Page - New Japan Radio NJU62221 Datasheet HTML 5Page - New Japan Radio NJU62221 Datasheet HTML 6Page - New Japan Radio NJU62221 Datasheet HTML 7Page - New Japan Radio NJU62221 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2012/07/25 ( 5 / 8 )
NJU6221 Series
(VDD=1.62 to 3.63V, VSS=0V, Ta=+25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=1.8V
1.250
1.875
VDD=2.5V
1.625
2.500
x1 version (f0)
No load
CONT=Open
f0=60MHz
Fout=60MHz
VDD=3.3V
2.000
3.000
VDD=1.8V
1.125
1.750
VDD=2.5V
1.500
2.250
x2 version (f0/2)
No load
CONT=Open
f0=60MHz
Fout=30MHz
VDD=3.3V
1.875
2.875
VDD=1.8V
1.000
1.500
VDD=2.5V
1.25
1.875
x3 version (f0/4)
No load
CONT=Open
f0=60MHz
Fout=15MHz
VDD=3.3V
1.625
2.500
VDD=1.8V
0.940
1.440
VDD=2.5V
1.125
1.750
x4 version (f0/8)*
No load
CONT=Open
f0=60MHz
Fout=7.5MHz
VDD=3.3V
1.375
2.125
VDD=1.8V
0.875
1.375
VDD=2.5V
1.060
1.625
x5 version (f0/16)*
No load
CONT=Open
f0=60MHz
Fout=3.75MHz
VDD=3.3V
1.310
2.000
VDD=1.8V
0.875
1.375
VDD=2.5V
1.060
1.625
x6 version (f0/32)*
No load
CONT=Open
f0=60MHz
Fout=1.875MHz
VDD=3.3V
1.250
1.875
VDD=1.8V
0.875
1.375
VDD=2.5V
1.060
1.625
Operating Current
IDD
x7 version (f0/64)*
No load
CONT=Open
f0=60MHz
Fout=0.938MHz
VDD=3.3V
1.250
1.875
mA
Oscillation Stopping
Current
ISTB
CONT=VSS, No load
10
uA
VOH
IOH=4mA
VDD-0.4
V
Output Voltage
VOL
IOL=4mA
0.4
V
VIH
CONT Input Tolerant Function
0.7VDD
V
Input Voltage
VIL
CONT
0.3VDD
V
CONT=3.63V
1
uA
CONT=0.8VDD
8
uA
Input Current
Note4)
IIN
CONT=0.2VDD
5
uA
3-state Off Leakage
Current
IOZ
CONT=VSS, FOUT= VDD or VSS
±0.1
uA
* Under development and tentative value.
Note4) Absolute value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com