Electronic Components Datasheet Search
  English  ▼

X  

NJU62221 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU62221
Description  1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU62221 Datasheet(HTML) 1 Page - New Japan Radio

  NJU62221 Datasheet HTML 1Page - New Japan Radio NJU62221 Datasheet HTML 2Page - New Japan Radio NJU62221 Datasheet HTML 3Page - New Japan Radio NJU62221 Datasheet HTML 4Page - New Japan Radio NJU62221 Datasheet HTML 5Page - New Japan Radio NJU62221 Datasheet HTML 6Page - New Japan Radio NJU62221 Datasheet HTML 7Page - New Japan Radio NJU62221 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2012/07/25 ( 1 / 8 )
NJU6221 Series
1.8V Operating Voltage Fundamental
Quartz Crystal Oscillator IC with Input Tolerant Function
s
GENERAL DESCRIPTION
s
PACKAGE OUTLINE
The NJU6221 series is a C-MOS quartz crystal oscillator IC
realized excellent frequency stability for fundamental (up to
60MHz) oscillation, and consists of an oscillation amplifier, a
6-stage divider, a 3-state output buffer, a built-in LDO and a
input tolerant circuit.
The operating voltage is from 1.62V to 3.63V, and the LDO
holds down the characteristic change of the oscillation
amplifier for operating voltage variation, and has been
stabilized oscillation frequency.
The 6-stage divider generates only one frequency selected
of f0, f0/2, f0/4, f0/8, f0/16, f0/32 and f0/64 internal circuits is
output.
The 3-state output buffer is C-MOS compatible of high
fan-out.
The input tolerant circuit ensures that 0 to 3.63 V can be
applied to CONT terminal without regard to the supply voltage.
The oscillation stopping current is very low stand-by mode
below 10uA, therefore, it is suitable for the portable items of
the communication equipment and the like.
s
FEATURES
q
Input Tolerant Circuit
0 to 3.63V@CONT Term.
q
Frequency Stability
±1ppm@VDD±10%
q
Operating Voltage
1.62 to 3.63V
q
Maximum Oscillation Frequency
60MHz(Fundamental)
q
Low Operating Current
2mA typ.@60MHz/3.3V
q
6-Stage Divider
Maximum Divider f0/64
q
Built-in LDO
q
Oscillation Stop and Output Stand-by Function
q
3-State Output Buffer
q
Variable Pull-up Resistance on-Die
q
Oscillation Capacitors Cg and Cg on-Die
q
Package Outline
Die/Wafer
q
C-MOS Technology
s
EXAMPLE OF PART NUMBER
1)NJU6221A1W-H
The pad location is Type A.
FOUT=f0, Wafer Thickness=200um
2)NJU6221C3C-V
The pad location is Type C.
FOUT= f0/4, Die Thickness=130um
NJU6221XxC-V
PRELIMINARY


Similar Part No. - NJU62221

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU6222 NISSHINBO-NJU6222 Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 A X C - V NISSHINBO-NJU6222 A X C - V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 A X W -V NISSHINBO-NJU6222 A X W -V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 C X C - V NISSHINBO-NJU6222 C X C - V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
NJU6222 C X W -V NISSHINBO-NJU6222 C X W -V Datasheet
1Mb / 12P
Low phase noise Fundamental Quartz Crystal Oscillator IC
Ver.1.0
More results

Similar Description - NJU62221

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
Quartz Crystal Oscillator IC
SM5013 NPC-SM5013 Datasheet
68Kb / 10P
Quartz Crystal Oscillator IC
logo
New Japan Radio
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
High Drive Fundamental Quartz Crystal Oscillator
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
Fundamental Quartz Crystal Oscillator
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com