Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5100AM
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 5 Page - Texas Instruments

  LM5100AM Datasheet HTML 1Page - Texas Instruments LM5100AM Datasheet HTML 2Page - Texas Instruments LM5100AM Datasheet HTML 3Page - Texas Instruments LM5100AM Datasheet HTML 4Page - Texas Instruments LM5100AM Datasheet HTML 5Page - Texas Instruments LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VDD to VSS
−0.3
18
V
HB to HS
−0.3
18
V
LI or HI input
−0.3
VDD + 0.3
V
LO output
−0.3
VDD + 0.3
V
HO output
VHS − 0.3
VHB + 0.3
V
HS to VSS (3)
−5
100
V
HB to VSS
118
V
Junction temperature
150
°C
Storage temperature
−55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military or Aerospace specified devices are required, contact the Texas Instruments Sales Office or Distributors for availability and
specifications.
(3)
In the application the HS node is clamped by the body diode of the external lower N-MOSFET, therefore the HS node will generally not
exceed –1 V. However, in some applications, board resistance and inductance may result in the HS node exceeding this stated voltage
transiently. If negative transients occur, the HS voltage must never be more negative than VDD – 15 V. For example if VDD = 10 V, the
negative transients at HS must not exceed –5 V.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
Option A
50
V
discharge
Machine Model (MM) (2)
Option B and C
100
(1)
The Human Body Model (HBM) is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. 2 kV for all pins except Pin 2,
Pin 3 and Pin 4 which are rated at 1000 V for HBM.
(2)
Machine Model (MM) ratings are: 100 V(MM) for Options B and C; 50 V(MM) for Option A.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
9
14
V
HS
–1
100
V
HB
VHS + 8
VHS + 14
V
HS slew rate
< 50
V/ns
Junction temperature
−40
125
°C
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com