Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5100AM
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments LM5100AM Datasheet HTML 10Page - Texas Instruments LM5100AM Datasheet HTML 11Page - Texas Instruments LM5100AM Datasheet HTML 12Page - Texas Instruments LM5100AM Datasheet HTML 13Page - Texas Instruments LM5100AM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
VDD = 12 V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12 V
CL = 4400 pF
CL = 1000 pF
CL = 0 pF
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12 V
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
7.7 Typical Characteristics
Figure 3. Peak Sinking Current vs VDD
Figure 2. Peak Sourcing Current vs VDD
Figure 4. Sink Current vs Output Voltage
Figure 5. Source Current vs Output Voltage
Figure 7. LM5101A/B/C IDD vs Frequency
Figure 6. LM5100A/B/C IDD vs Frequency
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com