Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5100AM
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments LM5100AM Datasheet HTML 10Page - Texas Instruments LM5100AM Datasheet HTML 11Page - Texas Instruments LM5100AM Datasheet HTML 12Page - Texas Instruments LM5100AM Datasheet HTML 13Page - Texas Instruments LM5100AM Datasheet HTML 14Page - Texas Instruments LM5100AM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
0
25
8
9
10
11
12
13
14
15
16
VDD, VHB (V)
0
50
100
150
200
250
300
350
400
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
0
50
100
150
200
250
300
350
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12 V,
HS = 0 V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
IDDO (LM5101A/B/C)
IDDO (LM5100A/B/C)
IHBO
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Figure 8. Operating Current vs Temperature
Figure 9. IHB vs Frequency
Figure 10. Quiescent Current vs Supply Voltage
Figure 11. Quiescent Current vs Temperature
Figure 13. Undervoltage Threshold Hysteresis vs
Figure 12. Undervoltage Rising Thresholds vs Temperature
Temperature
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com