Electronic Components Datasheet Search
  English  ▼

X  

LM5100AM Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5100AM
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM Datasheet(HTML) 1 Page - Texas Instruments

  LM5100AM Datasheet HTML 1Page - Texas Instruments LM5100AM Datasheet HTML 2Page - Texas Instruments LM5100AM Datasheet HTML 3Page - Texas Instruments LM5100AM Datasheet HTML 4Page - Texas Instruments LM5100AM Datasheet HTML 5Page - Texas Instruments LM5100AM Datasheet HTML 6Page - Texas Instruments LM5100AM Datasheet HTML 7Page - Texas Instruments LM5100AM Datasheet HTML 8Page - Texas Instruments LM5100AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UVLO
LEVEL
SHIFT
DRIVER
DRIVER
UVLO
HB
HO
HS
VDD
LO
GND
HI
LI
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
LM5100A/B/C, LM5101A/B/C 3-A, 2-A, and 1-A High-Voltage, High-Side
and Low-Side Gate Drivers
An integrated high-voltage diode is provided to
1 Features
charge the high-side gate drive bootstrap capacitor. A
1
•
Drives Both a High-Side and Low-Side N-Channel
robust level shifter operates at high speed while
MOSFETs
consuming low power and providing clean level
•
Independent High- and Low-Driver Logic Inputs
transitions from the control logic to the high-side gate
driver. Undervoltage lockout is provided on both the
•
Bootstrap Supply Voltage up to 118 V DC
low-side and the high-side power rails. These devices
•
Fast Propagation Times (25-ns Typical)
are available in the standard SOIC-8 pin, SO
•
Drives 1000-pF Load With 8-ns Rise and Fall
PowerPAD-8 pin, and the WSON-10 pin packages.
Times
The LM5100C and LM5101C are also available in
MSOP-PowerPAD-8 package. The LM5101A is also
•
Excellent Propagation Delay Matching (3-ns
available in WSON-8 pin package.
Typical)
•
Supply Rail Undervoltage Lockout
Device Information(1)
•
Low Power Consumption
PEAK OUTPUT
PART NUMBER
INPUT THRESHOLD
CURRENT
•
Pin Compatible With HIP2100/HIP2101
LM5100A
CMOS
3 A
2 Applications
LM5101A
TTL
3 A
LM5100B
CMOS
2 A
•
Current-Fed Push-Pull Converters
LM5101B
TTL
2 A
•
Half and Full Bridge Power Converters
LM5100C
CMOS
1 A
•
Synchronous Buck Converters
LM5101C
TTL
1 A
•
Two Switch Forward Power Converters
(1) For all available packages, see the orderable addendum at
•
Forward with Active Clamp Converters
the end of the data sheet.
3 Description
The LM5100A/B/C and LM5101A/B/C high-voltage
gate drivers are designed to drive both the high-side
and
the
low-side
N-Channel
MOSFETs
in
a
synchronous buck or a half-bridge configuration. The
floating high-side driver is capable of operating with
supply voltages up to 100 V. The A versions provide
a full 3-A of gate drive, while the B and C versions
provide 2 A and 1 A, respectively. The outputs are
independently controlled with CMOS input thresholds
(LM5100A/B/C) or TTL input thresholds
(LM5101A/B/C).
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5100AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM/NOPB TI1-LM5100AM/NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AMR/NOPB TI1-LM5100AMR/NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AMRX/NOPB TI1-LM5100AMRX/NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AMX/NOPB TI1-LM5100AMX/NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com