Electronic Components Datasheet Search
  English  ▼

X  

PI6C49016 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49016
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49016 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49016 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.pericom.com
PI6C49016
Rev. B
06/25/13
PI6C49016
Low Power Networking Clock Generator
Byte 2: Control Register
Bit
Description
Type
Power Up
Condition
Output(s)
Affected
Notes
7 to 0
Reserved
R
-
-
-
Byte 3: Control Register
Bit
Description
Type
Power Up
Condition
Output(s)
Affected
Notes
7
Reserved
RW
-
-
-
6
Reserved
RW
-
-
-
5
Reserved
RW
-
-
-
4
OE for 100 MHz
PCI-Express output PCIE2
RW
1
100 MHz PCI-Ex-
press output
PCIE2
1 = enabled
0 = disabled
3
Reserved
RW
-
-
-
2
OE for 100 MHz
PCI-Express output PCIE1
RW
1
100 MHz PCI-Ex-
press output
PCIE1
1 = enabled
0 = disabled
1
OE for 100 MHz
PCI-Express output PCIE0
RW
1
100 MHz PCI-Ex-
press output
PCIE0
1 = enabled
0 = disabled
0
Reserved
R
-
-
-
Byte 1: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
OE for 80MHz output
RW
1
80MHz
1 = enabled
0 = disabled
6 to 0
Reserved
R
-
-
-
Byte 4: Control Register
Bit
Description
Type
Power Up
Condition
Output(s)
Affected
Notes
7 to 0
Reserved
R
-
-
-
13-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com