Electronic Components Datasheet Search
  English  ▼

X  

PI6C49016 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C49016
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49016 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C49016 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.pericom.com
PI6C49016
Rev. B
06/25/13
PI6C49016
Low Power Networking Clock Generator
Electrical Characteristics - 100MHz Differential Push-Pull Outputs
Unless otherwise specified, V
DD=3.3V±5%, Ambient Temperature –40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Frequency
100
MHz
Cycle-to-Cycle Jitter
T
CC/Jitter
150
ps
Peak-to-Peak Phase Jitter
PCIe Gen1 filter function
86
PCIe 2.0 RMS Phase Jitter
J
RM52.0
PCIe 2.0 Test Method @
100 MHz Output
3.1
ps
Spread Range
-0.5
0
%
Spread Rate
32
kHz
Duty Cycle
T
DC
45
50
55
%
Clock Stabilization from
Power Up
3.5
ms
Rising Edge Rate
Note3, 4
0.6
4.0
V/ns
Falling Edge Rate
Note3, 4
0.6
4.0
V/ns
Rise-Fall Matching
Note3, 11
20
Output Skew
T
OSKEW
V
T = 50%(measurement
threshold), Intra-pair skew
50
ps
V
T = 50%(measurement
threshold), Inter-pair skew
200
ps
Clock Source DC
Impedance(Zo)
Z
C-DC
17
High-Level Output
Voltage
V
OH
Note2 (Rs = 33ohm)
0.65
0.71
0.85
V
Low-Level Output Voltage
V
OL
-0.20
0
0.05
V
Absolute Crossing Point
Voltage
V
CROSS
Note2, 5, 6
0.25
0.55
V
Variation of V
CROSS over all
rising clock edges
V
CROSS
Delta
Note2, 5, 8
140
mV
Average Clock Period
Accuracy
T
PERIOD
AVG
Note3, 9, 10
-300
2800
ppm
Absolute Period (including
jitter and spread spectrum)
T
PERIOD
ABS
Note3, 7
9.847
10.203
ns
Notes:
1. Measured at the end of an 8-inch trace with a 5pF load.
2. Measurement taken from a single-ended waveform.
3. Measurement taken from a differential waveform.
4. Measured from -150 mV to +150 mV on the differential waveform. The signal is monotonic through the measurement region for rise and fall time.
The 300 mV measurement window is centered on the differential zero crossing.
5. Measured at crossing point where the instantaneous voltage value of the rising edge of 100M+ equals the falling edge 100M–.
6. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing.
Refers to all crossing points for this measurement.
13-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com