Electronic Components Datasheet Search
  English  ▼

X  

PI6C49016 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49016
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49016 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49016 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49016 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.pericom.com
PI6C49016
Rev. B
06/25/13
PI6C49016
Low Power Networking Clock Generator
Pin List
Pin#
Pin Name
Pin Type
Pin Description
16
X1
XI
Crystal input. Connect to 25 MHz fundamental mode
crystal or clock
17
X2
XO
Crystal output. Connect to 25 MHz fundamental
mode crystal. Float for clock input
18
VDDX
Power
3.3V Supply Pin
19
VDDO
Power
125 MHz output supply voltage. Connect to +2.5 V.
20
125M
Output
125 MHz, +2.5 V LVCMOS output. Tri-stated with a
weak pull-down when disabled.
21
GND
Power
Ground
22
VDD
Power
3.3V Supply Pin
23
66.66M
Output
66.66 MHz LVCMOS output. Tri-stated with a weak
pull-down when disabled
24
GND
Power
Ground
25
VDD
Power
3.3V Supply Pin
26
GND
Power
Ground
27
NC
-
-
28
VDD
Power
3.3V Supply Pin
29
GND
Power
Ground
30
VDD
Power
3.3V Supply Pin
31
PCIE0N
Output
Differential 100 MHz PCI Express Clock output
32
PCIE0
Output
Differential 100 MHz PCI Express Clock output
33
PCIE1
Output
Differential 100 MHz PCI Express Clock output
34
PCIE1N
Output
Differential 100 MHz PCI Express Clock output
35
VDD
Power
3.3V Supply Pin
36
GND
Power
Ground
37
VDD
Power
3.3V Supply Pin
38
Cdd
Input
Input pin for off chip bypass capacitor. Connect to 0.01
μF capacitor
39
PCIE2N
Output
Differential 100 MHz PCI Express Clock output
40
PCIE2
Output
Differential 100 MHz PCI Express Clock output
Notes: VDD and GND Pins Layout Guide
1. Small value decoupling caps. (0.1uF, 1uF, and 2.2uF) should be placed close each VDD pin or its via
2. Connect all GND pins to package thermal pad which must be connected to the GND plane for better thermal distribution and signal conducting with reasonable
via count (>8)
13-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com