Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4833 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC4833 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
Sel_Freq3 QCx
Output_Freq
0
QCx
156.25MHz
1
QCx
125MHz
NC
QC0
312.5MHz
QC1
HiZ
Sel_Freq1 QD0+, QD0-
QD2,QD1
Output_Freq
0
LVPECL
LVCMOS
25MHz
1
LVPECL
LVCMOS
125MHz
Sel_Freq2 Qref2, Qref1, Qref0
Output_Freq
0
LVCMOS
25MHz
1
LVCMOS
125MHz
SS1
SS0
Spread %
0
0
+/- 0.25
0
1
-0.5
1
0
-0.75
1
1
No spread
Note: The SS1 and SS0 pins control the spread ratio of both
QAand QB.
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com