Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4833 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC4833 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
Pinout Table
Pin Number
Pin Name
I/O Type
Description
44, 45, 47, 48,
50, 51, 53, 54
QA0+, QA0-, QA1+, QA1-,
QA2+, QA2-, QA3+, QA3-
Output
100/125/200/250MHz HCSL Outputs
5, 6
QB0, QB1
Output
33/50/66/100MHz LVCMOS Outputs
8
X1
Input
Crystal Input Pin
9
X2
Output
Oscillator Output Pin
10, 11
IN+, IN-
Input
HCSL/LVPECL/LVDS Inputs
12
IN_Sel
Input
Low: X1 and X2 are selected.
High: IN+ and IN- are selected.
The pin has an internal pull-up resistor of 100kΩ.
37
PLL_BYPS
Input
Low: Output buffers are switched to the PLL.
High: Output buffers are switched to the input mux.
The pin has an internal pull-down resistor of 100kΩ.
40, 1, 29, 13
OC_A, OC_B, OC_C,
OC_R
Input
Low: Outputs are enabled.
High: High impedance mode is selected.
The pin has an internal pull-down resistor of 100kΩ.
7
VDD_OSC
Power
Power for crystal OSC core
21
VDDA2
Power
Power for LC PLL2
46, 52, 4, 33, 35,
28, 15, 19
VccA, VccB, VccC0, VccC1
VccD, VccR
Power
Power for output buffers (QA, QB, QC, QD, Qref)
56
VDDA1
Power
Power for Ring PLL1
20, 49, 55
GND
Power
Ground includes external paddle (EPAD).
34, 31, 32
QC1, QC0+ / QC0-
Output
125MHz/156.25MHz/312.5MHz LVCMOS and LVPECL
16, 17, 18, 23,
24, 26, 27
Qref0, Qref1, Qref2,
QD0+/QD0-. QD1, QD2
Output
25MHz or 125MHz LVCMOS, or LVPECL (QD0+/QD0-)
42, 41
FA1, FA0
Input
QA Bank Output Frequency Selection (see function table). This pin has a
built-in pull-down resistor of 100kΩ.
3, 2
FB1, FB0
Input
QB Bank Output Frequency Selection (see function table). This pin has a
built-in pull-up resistor of 100kΩ.
25
Sel_Freq1
Input
Low: QD 25MHz Output
High: QD 125MHz Output
This pin has a built-in pull-up resistor of 100kΩ.
22
VDD_PLL2
Power
Power for PLL2 Core
14
Sel_Freq2
Input
Low: Qref 25MHz Output
High: 125MHz Output
This pin has a built-in pull-down resistor of 100kΩ.
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com