Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4833 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
LVCMOS AC Characteristics (Over Operating Conditions)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ferror
Frequency Synthesis Error
-
-
-
0
ppm
Tr /Tf
Output Rise/Fall time
20% to 80%, CL =10pF
-
-
3
ns
TDC
Output Duty Cycle
tDC =tH/tCY, tH =High Pulse
Width, tCY =Output Cycle
Time, at VDD/2
47
-
53
%
tjit(CC)
Jitter, Cycle-to-Cycle
VDD = 3.3V,
QB,
SS1= SS0 = 1
33.33MHz
-
70
110
ps
66.67MHz
-
80
110
ps
50MHz
-
70
100
ps
100MHz
-
80
110
ps
VDD = 3.3V,
QD, QC1, Qref
25MHz
-
80
100
ps
125MHz/
156MHz
-
70
100
ps
VDD = 2.5V,
QB,
SS1= SS0 = 1
33.33MHz
-
90
140
ps
66.67MHz
-
110
130
ps
50MHz
-
100
120
ps
100MHz
-
100
120
ps
VDD = 2.5V,
QD, QC1, Qref
25MHz
-
90
120
ps
125MHz/
156MHz
-
90
130
ps
Jitter
RMS Phase Jitter
3.3V Operation
QD, QC, Qref (125MHz),
12k~20MHz
SS1= SS0 = 1
-
0.5
-
ps
2.5V Operation
QD, QC, Qref (125MHz),
12k~20MHz
SS1= SS0 = 1
-
1
-
ps
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com