Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4833 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC4833 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
Recommended Operating Conditions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDD_xx
OSC, A1, A2, PLL2
2.5V
2.375
-
2.625
V
Vcc_x
QA, QB, QC, QD,Qref
2.5V
2.375
-
2.625
V
VDD_xx
OSC, A1, A2, PLL2
3.3V
3.135
-
3.465
V
Vcc_x
QA, QB, QC, QD,Qref
3.3V
3.135
-
3.465
V
IDD
Total Power Supply Current
-
-
-
360
mA
IDDA1, 2
Individual Analog PLL Current, VDDA1,2 -
-
-
50
mA
PDiss
Power Dissipation
-
-
-
1250
mW
TA
Operating Temperature
-
-40
-
+85
ºC
LVCMOS DC Electrical Characteristics (Over Operating Conditions)
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
-
VDD+0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
VOH
Output High Voltage
IOH = -8mA
VDD-0.4
-
-
V
VOL
Output Low Voltage
IOL = 8mA
-
-
0.4
V
IIH
Input High Current
VIN = VDD
-
-
45
µA
IIL
Input Low Current
VIN = 0V
-45
-
-
µA
RPU
Internal Pull Up Resistance
IN-, IN_SEL, FB1, FB0,
Sel_Freq1, SS1, SS0,
VSEL_33
100
-
kΩ
Sel_Freq3
150
kΩ
RDN
Internal Pull Down Resistance
IN+, PLL_BYPS, OC_A,
OC_B, OC_C,
OC_R, FA1, FA0, Sel_
Freq2, Sel_Freq3
100
-
kΩ
ZO
Output Impedance
VDD = 2.5V
-
22
-
Ω
VDD = 3.3V
-
17
-
Ω
Storage Temperature...........................................................–65°C to +155°C
Operating Temperature .....................................................–40°C to +85°C
Supply Voltage ..........................................................................-0.5V to 4.6V
ESD Protection (HBM) ....................................................................... 2000V
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com