| Electronic Components Datasheet Search |
|
ADC0851 Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0851 Datasheet(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 36 page ![]() 20 Memory Access Modes The ADC08518 has an internal RAM with sixteen memory locations (one location for the upper limit and one for the lower limit for each of the 8 input channels) Each memory location is 8 bits wide An 8-bit limit word representing an upper or lower limit boundary can either be written to or read from the RAM The ADC0851 uses only four memory loca- tions for the four boundary limits corresponding to the two inputs The eight channel ADC0858 however makes use of all sixteen memory locations Each memory location is accessed by a specific address as shown by Table II(a) and (b) Note that even addresses cor- respond to the lower limits while the odd addresses corre- spond to the upper limits The ADC0851 and ADC0858 both use 4 bits (A3 A0) to address the RAM however ADC0851 decodes only the two LSBs of the address data while ignoring the two MSBs TABLE IIa RAM Address and Limit Data for ADC0851 RAM Address Corresponding Channel and Limit A3 A2 A1 A0 X X 0 0 CH0 – Lower Limit X X 0 1 CH0 – Upper Limit X X 1 0 CH1 – Lower Limit X X 1 1 CH1 – Upper Limit Limit Data (ADC0851) L0 L1 L2 L3 L4 L5 L6 L7 TABLE IIb RAM Address and Limit Data for ADC0858 RAM Address Corresponding Channel and Limit A3 A2 A1 A0 0 0 0 0 CH0 – Lower Limit 0 0 0 1 CH0 – Upper Limit 0 0 1 0 CH1 – Lower Limit 0 0 1 1 CH1 – Upper Limit 0 1 0 0 CH2 – Lower Limit 0 1 0 1 CH2 – Upper Limit 0 1 1 0 CH3 – Lower Limit 0 1 1 1 CH3 – Upper Limit 1 0 0 0 CH4 – Lower Limit 1 0 0 1 CH4 – Upper Limit 1 0 1 0 CH5 – Lower Limit 1 0 1 1 CH5 – Upper Limit 1 1 0 0 CH6 – Lower Limit 1 1 0 1 CH6 – Upper Limit 1 1 1 0 CH7 – Lower Limit 1 1 1 1 CH7 – Upper Limit Limit Data (ADC0858) L0 L1 L2 L3 L4 L5 L6 L7 21 WRITE ONE LIMIT This mode is used to update a single memory location in the limit RAM An 8-bit limit word is written to the location point- ed to by the limit address From Table I we can see that to initiate the operation of the device in the ‘‘write one limit’’ mode the mode address has to be1001 The data format for the input word is as shown below Data Input (DI) WordADC0851 or ADC0858 TLH11021 – 31 18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |