Electronic Components Datasheet Search
  English  ▼

X  

ADC0852 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0852 Datasheet HTML 1Page - National Semiconductor (TI) ADC0852 Datasheet HTML 2Page - National Semiconductor (TI) ADC0852 Datasheet HTML 3Page - National Semiconductor (TI) ADC0852 Datasheet HTML 4Page - National Semiconductor (TI) ADC0852 Datasheet HTML 5Page - National Semiconductor (TI) ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VCC e Va e 5V (no Va on ADC0852) fCLK e 250 kHz unless otherwise specified
Boldface limits apply from TMIN to TMAX all other limits TA e TJ e 25 C
ADC0852CCN
ADC0854CCN
Parameter
Conditions
Typ
Tested
Design
Units
(Note 4)
Limit
Limit
(Note 5)
(Note 6)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
(Continued)
ION On Channel Leakage
On Channel e 5V
a
1
m
A
Current (Note 9)
Off Channel e 0V
a
200
nA
On Channel e 0V
b
1
m
A
Off Channel e 5V
b
200
nA
DIGITAL AND DC CHARACTERISTICS
VIN(1) Logical ‘‘1’’ Input
VCC e 525V
20
20
V
Voltage
VIN(0) Logical ‘‘0’’ Input
VCC e 475V
08
08
V
Voltage
IIN(1) Logical ‘‘1’’ Input
VIN e VCC
0005
1
1
m
A
Current
IIN(0) Logical ‘‘0’’ Input
VIN e 0V
b
0005
b
1
b
1
m
A
Current
VOUT(1) Logical ‘‘1’’ Output
VCC e 475V
Voltage
IOUT eb360 mA
24
24
V
IOUT eb10 mA
45
45
V
VOUT(0) Logical ‘‘0’’ Output
IOUT e 16 mA
Voltage
VCC e 475V
04
04
V
IOUT TRI-STATE Output
CS e Logical ‘‘1’’
Current (DO)
VOUT e 04V
b
01
b
3
b
3
m
A
VOUT e 5V
01
3
3
m
A
ISOURCE
VOUT Short to GND
b
14
b
75
b
65
mA
ISINK
VOUT Short to VCC
16
90
80
mA
ICC Supply Current
Includes DAC
ADC0852
Ladder Current
27
65
65
mA
ICC Supply Current
Does not Include DAC
ADC0854 (Note 3)
Ladder Current
09
25
25
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com