Electronic Components Datasheet Search
  English  ▼

X  

ADC0852 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) ADC0852 Datasheet HTML 10Page - National Semiconductor (TI) ADC0852 Datasheet HTML 11Page - National Semiconductor (TI) ADC0852 Datasheet HTML 12Page - National Semiconductor (TI) ADC0852 Datasheet HTML 13Page - National Semiconductor (TI) ADC0852 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description (Continued)
In actual practice the devices used in the ADC08524 are a
simple but important expansion of the basic comparator de-
scribed above As shown in
Figure 4c multiple differential
comparisons can be made In this circuit the feedback
switch and one input switch on each capacitor (A switches)
are closed in the first cycle Then the other input on each
capacitor is connected while all of the first switches are
opened The change in voltage at the inverter’s input as a
result of the change in charge on each input capacitor (C1
C2) will now depend on both input signal differences
12 Input Sampling and Response Time
The input phases of the comparator relate to the device
clock (CLK) as shown in
Figure 5 Because the comparator
is a sampling device its response characteristics are some-
what different from those of linear comparators The VIN(a)
input is sampled first (CLK high) followed by VIN(b) (CLK
low) The output responds to those inputs one half cycle
later on CLK’s falling edge
The comparator’s response time to an input step is depen-
dent on the step’s phase relation to the CLK signal If an
input step occurs too late to influence the most imminent
comparator decision one more CLK cycle will pass before
the output is correct In effect the response time for the
VIN(a) input has a minimum of 1 CLK cycle a 1 mS and a
maximum of 2 CLK cycles a 1 mS The VIN(b) input’s delay
will range from 12 CLK cycle a 1 mS to 15 CLK cycles a
1 mS since it is sampled after VIN(a)
The sampled inputs also affect the device’s response to
pulsed signals As shown in the shaded areas in
Figure 5
pulses that rise andor fall near the latter part of a CLK half-
cycle may be ignored
13 Input Multiplexer
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels with software-configurable
single-ended differential or pseudo-differential operation
The analog signal conditioning required in transducer-input
and other types of data acquisition systems is significantly
simplified with this type of input flexibility One device pack-
age can now handle ground referenced inputs as well as
signals with some arbitrary reference voltage
On the ADC0854 the ‘‘common’’ pin (pin 6) is used as the
‘‘b’’ input for all channels in single-ended mode Since this
input need not be at analog ground it can be used as the
common line for pseudo-differential operation It may be tied
to a reference potential that is common to all inputs and
within the input range of the comparator This feature is
especially useful in single-supply applications where the an-
alog circuitry is biased to a potential other than ground
A particular input configuration is assigned during the MUX
addressing sequence which occurs prior to the start of a
comparison The MUX address selects which of the analog
channels is to be enabled what the input mode will be and
the input channel polarity One limitation is that differential
inputs are restricted to adjacent channel pairs For example
channel 0 and 1 may be selected as a differential pair but
they cannot act differentially with any other channel
The channel and polarity selection is done serially via the DI
input A complete listing of the input configurations and cor-
responding MUX addresses for the ADC0852 and ADC0854
is shown in tables I and II
Figure 6 illustrates the analog
connections for the various input options
The analog input voltage for each channel can range from
50 mV below ground to 50 mV above VCC (typically 5V)
without degrading accuracy
TLH5521 – 13
FIGURE 5 Analog Input Timing
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com