Electronic Components Datasheet Search
  English  ▼

X  

ADC0852 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0852 Datasheet HTML 5Page - National Semiconductor (TI) ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) ADC0852 Datasheet HTML 10Page - National Semiconductor (TI) ADC0852 Datasheet HTML 11Page - National Semiconductor (TI) ADC0852 Datasheet HTML 12Page - National Semiconductor (TI) ADC0852 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Functional Description
1 1 The Sampled-data Comparator
The ADC0852 and ADC0854 utilize a sampled-data com-
parator structure to compare the analog difference between
a selected ‘‘a’’ and ‘‘b’’ input to an 8-bit programmable
threshold
This comparator consists of a CMOS inverter with a capaci-
tively coupled input (
Figure 4 ) Analog switches connect the
two comparator inputs to the input capacitor and also con-
nect the inverter’s input and output This device in effect
now has one differential input pair A comparison requires
two cycles one for zeroing the comparator and another for
making the comparison
FIGURE 4 Sampled-Data Comparator
In the first cycle (
Figure 4a ) one input switch and the invert-
er’s feedback switch are closed In this interval the input
capacitor (C) is charged to the connected input (V1) less the
inverter’s bias voltage (VB approx 12 volts) In the second
cycle (
Figure 4b ) these two switches are opened and the
other (V2) input’s switch is closed The input capacitor now
subtracts its stored voltage from the second input and the
difference is amplified by the inverter’s open loop gain The
inverter input (VB’) becomes VB b (V1 b V2)
C
C a CS
and
the output will go high or low depending on the sign of VB’-
VB
TLH5521 – 8
FIGURE 4a Zeroing Phase
 V0 e VB
 VonC e V1–VB
 CS e Stray Input Node Cap
 VB e Inverter Input Bias Voltage
TLH5521 – 9
FIGURE 4b Compare Phase
 VB bVB e (V2bV1)
C
CaCS
 V0 e
b
A
Ca CS
CV2bCV1
 V0 is dependent on V2bV1
TLH5521 – 14
V0 e
b
A
C1 a C2 a CS
C1 (V2 b V1) a C2 (V4 b V3)
e
b
A
C1 a C2 a CS
D
QC1 a D QC2
Comparator Reads VTH from Internal DAC Differentially
FIGURE 4c Multiple Differential Inputs
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com