Electronic Components Datasheet Search
  English  ▼

X  

ADC0852 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0852 Datasheet HTML 1Page - National Semiconductor (TI) ADC0852 Datasheet HTML 2Page - National Semiconductor (TI) ADC0852 Datasheet HTML 3Page - National Semiconductor (TI) ADC0852 Datasheet HTML 4Page - National Semiconductor (TI) ADC0852 Datasheet HTML 5Page - National Semiconductor (TI) ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH5521
April 1995
ADC0852ADC0854
Multiplexed Comparator with 8-Bit Reference Divider
General Description
The ADC0852 and ADC0854 are CMOS devices that com-
bine a versatile analog input multiplexer voltage compara-
tor and an 8-bit DAC which provides the comparator’s
threshold voltage (VTH) The comparator provides a ‘‘1-bit’’
output as a result of a comparison between the analog input
and the DAC’s output This allows for easy implementation
of set-point on-off or ‘‘bang-bang’’ control systems with
several advantages over previous devices
The ADC0854 has a 4 input multiplexer that can be software
configured for single ended pseudo-differential and full-dif-
ferential modes of operation In addition the DAC’s refer-
ence input is brought out to allow for reduction of the span
The ADC0852 has a two input multiplexer that can be con-
figured as 2 single-ended or 1 differential input pair The
DAC reference input is internally tied to VCC
The multiplexer and 8-bit DAC are programmed via a serial
data input word Once programmed the output is updated
once each clock cycle up to a maximum clock rate of
400 kHz
Features
Y
2 or 4 channel multiplexer
Y
Differential or Single-ended input software controlled
Y
Serial digital data interface
Y
256 programmable reference voltage levels
Y
Continuous comparison after programming
Y
Fixed ratiometric or reduced span reference capability
(ADC 0854)
Key Specifications
Y
Accuracy g
LSB or g 1 LSB of Reference (02%)
Y
Single 5V power supply
Y
Low Power 15 mW
TLH5521 – 1
FIGURE 1 ADC0854 Simplified Block Diagram (ADC0852 has 2 input channels
COM tied to GND VREF tied to VCC Va omitted and one GND connection)
2 Channel and 4 Channel Pin Out
ADC0852 2-CHANNEL MUX
Dual-In-Line Package
TLH5521 – 10
Top View
AGND and COM internally connected to GND
VREF internally connected to VCC
Order Number ADC0852
See NS Package Number N08E
ADC0854 4-CHANNEL MUX
Dual-In-Line Package
TLH5521 – 11
Top View
Order Number ADC0854
See NS Package Number N14A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC0852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0852 TI1-ADC0852 Datasheet
557Kb / 22P
Multiplexed Comparator with 8-Bit Reference Divider
More results

Similar Description - ADC0852

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
8-Bit Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
Comparator with Reference
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
ADC0854 TI1-ADC0854 Datasheet
557Kb / 22P
Multiplexed Comparator with 8-Bit Reference Divider
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com