Electronic Components Datasheet Search
  English  ▼

X  

LMZ22010 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMZ22010 Datasheet HTML 24Page - Texas Instruments LMZ22010 Datasheet HTML 25Page - Texas Instruments LMZ22010 Datasheet HTML 26Page - Texas Instruments LMZ22010 Datasheet HTML 27Page - Texas Instruments LMZ22010 Datasheet HTML 28Page - Texas Instruments LMZ22010 Datasheet HTML 29Page - Texas Instruments LMZ22010 Datasheet HTML 30Page - Texas Instruments LMZ22010 Datasheet HTML 31Page - Texas Instruments LMZ22010 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Power Module SMT Guidelines (continued)
•
Maximum number of reflows allowed is one
Figure 60. Sample Reflow Profile
Table 2. Sample Reflow Profile Table
MAX TEMP
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
PROBE
(°C)
MAX TEMP
235°C
235°C
245°C
245°C
260°C
260°C
1
242.5
6.58
0.49
6.39
0.00
–
0.00
–
2
242.5
7.10
0.55
6.31
0.00
7.10
0.00
–
3
241.0
7.09
0.42
6.44
0.00
–
0.00
–
28
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com