Electronic Components Datasheet Search
  English  ▼

X  

LMZ22010 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 5 Page - Texas Instruments

  LMZ22010 Datasheet HTML 1Page - Texas Instruments LMZ22010 Datasheet HTML 2Page - Texas Instruments LMZ22010 Datasheet HTML 3Page - Texas Instruments LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.274
VEN
EN threshold
VEN rising
V
over the junction temperature (TJ) range
1.096
1.452
of –40°C to +125°C
IEN-HYS
EN hysteresis source current
VEN > 1.274 V
13
µA
SOFT-START
50
ISS
SS source current
VSS = 0 V
µA
over the junction temperature (TJ) range
40
60
of –40°C to +125°C
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
ICL
Current limit threshold
DC average
12.5
A
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
fosc
Sync input connected to ground
314
359
404
kHz
frequency
fsync
Synchronization range
Vsync = 3.3 Vp-p
314
600
kHz
Synchronization logic zero
over the junction temperature (TJ) range
VIL-sync
Relative to AGND
0.4
V
amplitude
of –40°C to +125°C
Synchronization logic one
over the junction temperature (TJ) range
VIH-sync
Relative to AGND
1.8
V
amplitude
of –40°C to +125°C
Synchronization duty cycle
SyncDC
15%
50%
85%
range
REGULATION AND OVERVOLTAGE COMPARATOR
0.795
VSS >+ 0.8 V
VFB
In-regulation feedback voltage
V
over the junction temperature (TJ) range
IO = 10 A
0.775
0.815
of –40°C to +125°C
Feedback over-voltage
VFB-OV
0.86
V
protection threshold
IFB
Feedback input bias current
5
nA
Non-switching quiescent
IQ
SYNC = 3 V
3
mA
current
ISD
Shutdown quiescent current
VEN = 0 V
32
μA
Dmax
Maximum duty factor
85%
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
PERFORMANCE PARAMETERS(3)
ΔVO
Output voltage ripple
BW at 20 MHz
24
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 12 V to 20 V, IOUT= 10 A
±0.2%
ΔVO/ΔIOUT
Load regulation
VIN = 12 V, IOUT= 0.001 A to 10 A
1
mV/A
η
Peak efficiency
VIN = 12 V, VOUT = 3.3 V, IOUT = 5 A
89.5%
η
Full load efficiency
VIN = 12V, VOUT = 3.3 V, IOUT = 10 A
87.5%
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Refer to BOM in Table 1.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com