Electronic Components Datasheet Search
  English  ▼

X  

LMZ22010 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ22010 Datasheet HTML 2Page - Texas Instruments LMZ22010 Datasheet HTML 3Page - Texas Instruments LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments LMZ22010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = three × 10 μF + 47-nF X7R Ceramic; COUT = two
× 330-
μF Specialty Polymer + 47-µF Ceramic + 47-nF Ceramic; CFF = 4.7 nF; TA = 25° C for waveforms. All indicated
temperatures are ambient.
Figure 1. Efficiency 5-V Output at 25°C
Figure 2. Dissipation 5-V Output at 25°C
Figure 3. Efficiency 3.3-V Output at 25°C
Figure 4. Dissipation 3.3-V Output at 25°C
Figure 5. Efficiency 2.5-V Output at 25°C
Figure 6. Dissipation 2.5-V Output at 25°C
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com