Electronic Components Datasheet Search
  English  ▼

X  

LMZ22010 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ22010 Datasheet HTML 1Page - Texas Instruments LMZ22010 Datasheet HTML 2Page - Texas Instruments LMZ22010 Datasheet HTML 3Page - Texas Instruments LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
VIN
CIN
3 x 10 2F
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 2F
(OPT)
RFBB
See Table
COUT
2 x 330 2F
LMZ22010
VOUT
Enable
Share
Clock
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
and Current Sharing
1 Features
2 Applications
1
•
Integrated Shielded Inductor
•
Point-of-load Conversions from 12-V Input Rail
•
Simple PCB Layout
•
Time-Critical Projects
•
Frequency Synchronization Input (350 kHz to 600
•
Space Constrained and High Thermal
kHz)
Requirement Applications
•
Current Sharing Capability
•
Negative Output Voltage Applications
See AN-2027 SNVA425
•
Flexible Start-up Sequencing Using External Soft-
Start, Tracking and Precision Enable
3 Description
•
Protection Against Inrush Currents and Faults
The LMZ22010 SIMPLE SWITCHER® power module
Such as Input UVLO and Output Short Circuit
is an easy-to-use step-down DC-DC solution capable
•
Junction Temperature Range –40°C to 125°C
of driving up to 10-A load. The LMZ22010 is available
•
Single Exposed Pad and Standard Pinout for Easy
in an innovative package that enhances thermal
Mounting and Manufacturing
performance
and
allows
for
hand
or
machine
soldering.
•
Fully Enabled for WEBENCH® Power Designer
The LMZ22010 can accept an input voltage rail
•
Pin Compatible With LMZ22008/06,
between 6 V and 20 V and can deliver an adjustable
LMZ12010/08/06, LMZ23610/08/06, and
and highly accurate output voltage as low as 0.8 V.
LMZ13610/08/06
The LMZ22010 only requires two external resistors
•
Electrical Specifications
and external capacitors to complete the power
–
50-W Maximum Total Output Power
solution.
–
Up to 10-A Output Current
The LMZ22010 is a reliable and robust design with
–
Input Voltage Range 6 V to 20 V
the following protection features: thermal shutdown,
programmable input under-voltage lockout, output
–
Output Voltage Range 0.8 V to 6 V
over-voltage protection, short-circuit protection, output
–
Efficiency up to 92%
current limit, and allows startup into a pre-biased
•
Performance Benefits
output. The sync input allows synchronization over
the 314- to 600-kHz switching frequency range and
–
High Efficiency Reduces System Heat
up to 6 modules can be connected in parallel for
Generation
higher load currents.
–
Low Radiated Emissions (EMI) Tested to
EN55022
Device Information(1)(2)
–
Only 7 External Components
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Low Output Voltage Ripple
LMZ22010
NDY (11)
15.00 mm × 15.00 mm
–
No External Heat Sink Required
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–
Simple Current sharing for Higher Current
(2) Peak reflow temperature equals 245°C. See SNAA214 for
Applications
more details.
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration.
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ22010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Texas Instruments
LMZ22010 TI2-LMZ22010 Datasheet
1,023Kb / 37P
LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
REVISED AUGUST 2015
LMZ22010TZ/NOPB TI2-LMZ22010TZ/NOPB Datasheet
1,023Kb / 37P
LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
REVISED AUGUST 2015
LMZ22010TZ/NOPB.A TI2-LMZ22010TZ/NOPB.A Datasheet
1,023Kb / 37P
LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
REVISED AUGUST 2015
LMZ22010TZ/NOPB.B TI2-LMZ22010TZ/NOPB.B Datasheet
1,023Kb / 37P
LMZ22010 10-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and Current Sharing
REVISED AUGUST 2015
More results

Similar Description - LMZ22010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
8-A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
10A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
1A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
10A SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
3A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com