Electronic Components Datasheet Search
  English  ▼

X  

ADC12191 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12191
Description  12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12191 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12191 Datasheet HTML 8Page - National Semiconductor (TI) ADC12191 Datasheet HTML 9Page - National Semiconductor (TI) ADC12191 Datasheet HTML 10Page - National Semiconductor (TI) ADC12191 Datasheet HTML 11Page - National Semiconductor (TI) ADC12191 Datasheet HTML 12Page - National Semiconductor (TI) ADC12191 Datasheet HTML 13Page - National Semiconductor (TI) ADC12191 Datasheet HTML 14Page - National Semiconductor (TI) ADC12191 Datasheet HTML 15Page - National Semiconductor (TI) ADC12191 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Applications Information (Continued)
2.3 OE Pin The OE pin is used to control the state of the out-
puts. When the OE pin is low, the output buffers go into the
active state. When the OE input is high, the output buffers
are in the high impedance state.
2.4 PD Pin The PD pin, when high, holds the ADC12191 in
a power-down mode where power consumption is typically
less than 15 mW to conserve power when the converter is
not being used. The ADC12191 will begin normal operation
within t
PD after this pin is brought low, provided a valid
CLOCK input is present. The data in the pipeline is corrupted
while in the power down mode. The ADC12191 should be re-
calibrated after a power-down cycle to ensure optimum per-
formance.
3.0 Outputs
The ADC12191 has three analog outputs: reference output
voltages V
RN,VRM , and VRP. There are 14 digital outputs:
12 Data Output pins, Ready and OR (Out of Range).
3.1 Reference Output Voltages The reference output volt-
ages are made available only for the purpose of bypassing
with capacitors to a clean analog ground. The recommended
bypass capacitors are 0.1µF ceramic chip capacitors. Do not
load these pins.
3.2 Ready Output The Ready output goes high to indicate
that the converter is ready for operation. This signal will go
low when the converter is in Calibration or Power Down
mode.
3.3 OR (Out of Range) Output The OR output goes high
when the analog input is below GND or above V
REF. This
output is low when the input signal is in the valid range of op-
eration (0V
≤ V
IN ≤ VREF).
3.4 Data Outputs The Data Outputs are TTL/CMOS com-
patible. The output data format is 12 bits straight binary.
Minimizing the digital output currents will help to minimize
noise due to output switching. This can be done by connect-
ing buffers between the ADC outputs and any other circuitry.
Only one buffer input should be connected to each output.
Additionally, inserting series resistors of 47 to 56 Ohms right
at the digital outputs, close to the ADC pins, will isolate the
outputs from other circuitry and limit output currents.
4.0 Power Supply Considerations
Each power pin should be bypassed with a parallel combina-
tion of a 10µF capacitor and a 0.1µF ceramic chip capacitor.
The chip capacitors should be within 1/2 centimeter of the
power pins. Leadless chip capacitors are preferred because
they provide low lead inductance.
The converter’s digital logic supply (V
D) should be well iso-
lated from the supply that is used for other digital circuitry on
the board. A common power supply should be used for both
V
A (analog supply) and VD (digital supply), and each of these
supply pins should be separately bypassed with a 0.1µF ce-
ramic capacitor and a low ESR 10µF capacitor. A ferrite bead
or inductor should be used between V
A and VD to prevent
noise coupling from the digital supply into the analog circuit.
V
D I/O is the power pin for the output driver. This pin may be
supplied with a potential between 3V and 5V. This makes it
easy to interface the ADC12191 with 3V or 5V logic families.
Powering the V
D I/O from 3 Volts will also reduce power con-
sumption and noise generation due to output switching. DO
NOT operate the V
D I/O at a voltage higher than VD or VA!
All power supplies connected to the device should be ap-
plied simultaneously.
As is the case with all high speed converters, the ADC12191
is sensitive to power supply noise. Accordingly, the noise on
the analog supply pin should be minimized, keeping it below
100mV P-P.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com