Electronic Components Datasheet Search
  English  ▼

X  

ADC12191 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12191
Description  12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12191 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC12191 Datasheet HTML 8Page - National Semiconductor (TI) ADC12191 Datasheet HTML 9Page - National Semiconductor (TI) ADC12191 Datasheet HTML 10Page - National Semiconductor (TI) ADC12191 Datasheet HTML 11Page - National Semiconductor (TI) ADC12191 Datasheet HTML 12Page - National Semiconductor (TI) ADC12191 Datasheet HTML 13Page - National Semiconductor (TI) ADC12191 Datasheet HTML 14Page - National Semiconductor (TI) ADC12191 Datasheet HTML 15Page - National Semiconductor (TI) ADC12191 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Applications Information (Continued)
300mV below the ground pins or 300mV above the supply
pins). Exceeding these limits on even a transient basis may
cause faulty or erratic operation. It is not uncommon for high
speed digital circuits (e.g., 74F and 74AC devices) to exhibit
undershoot that goes more than a volt below ground above
the power supply. A resistor of about 50 to 100
Ω in series
with the offending digital input will eliminate the problem.
Care should be taken not to overdrive the inputs of the
ADC12191 with a device that is powered from supplies out-
side the range of the ADC12191 supply. Such practice may
lead to conversion inaccuracies and even to device damage.
Attempting to drive a high capacitance digital data bus.
Capacitive loading on the digital outputs causes instanta-
neous digital currents to flow from the V
D I/O supply into the
DGND I/O ground plane. These large charging current
spikes can couple into the analog section, degrading dy-
namic performance. Adequate bypassing and maintaining
separate analog and digital ground planes will reduce this
problem. The digital data outputs should be buffered (with
74ACQ541, for example). Dynamic performance can also be
improved by adding series resistors at each digital output,
close to the ADC12191, reducing the energy coupled back
into the converter output pins by limiting the output slew rate.
A reasonable value for these resistors is 47
Ω.
Using an inadequate amplifier to drive the analog input.
The analog input circuits of the ADC12191 place a switched
capacitor load on the input signal source. Therefore the am-
plifier used to drive the ADC12191 must have a low imped-
ance output and adequate bandwidth to avoid distortion of
the input signal.
Operating with the reference pins outside of the speci-
fied range. As mentioned in section 1.1, V
REF should be in
the range of 1.8V
≤ V
REF ≤ 2.2V. Operating outside of these
limits could lead to signal distortion.
Using a clock source with excessive jitter, using exces-
sively long clock signal trace, or having other signals
coupled to the clock signal trace. This will cause the sam-
pling interval to vary, causing excessive output noise and a
reduction in SNR performance.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com