Electronic Components Datasheet Search
  English  ▼

X  

ADC12191 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12191
Description  12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12191 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12191 Datasheet HTML 8Page - National Semiconductor (TI) ADC12191 Datasheet HTML 9Page - National Semiconductor (TI) ADC12191 Datasheet HTML 10Page - National Semiconductor (TI) ADC12191 Datasheet HTML 11Page - National Semiconductor (TI) ADC12191 Datasheet HTML 12Page - National Semiconductor (TI) ADC12191 Datasheet HTML 13Page - National Semiconductor (TI) ADC12191 Datasheet HTML 14Page - National Semiconductor (TI) ADC12191 Datasheet HTML 15Page - National Semiconductor (TI) ADC12191 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Applications Information (Continued)
Best performance at high frequencies and at high resolution
is obtained with a straight signal path. That is, the signal path
through all components should form a straight line wherever
possible.
Be especially careful with the layout of inductors. Mutual in-
ductance can change the characteristics of the circuit in
which they are used. Inductors should not be placed side by
side, even with just a small part of their bodies beside each
other.
The analog input should be isolated from noisy signal traces
to avoid coupling of spurious signals into the input. Any ex-
ternal component (e.g., a filter capacitor) connected be-
tween the converter’s input and ground should be connected
to a very clean point in the analog ground plane.
Figure 6 gives an example of a suitable layout. All analog cir-
cuitry (input amplifiers, filters, reference components, etc.)
should be placed on or over the analog ground plane. All
digital circuitry and I/O lines should be placed over the digital
ground plane.
All ground connections should have a low inductance path to
ground.
6.0 Layout and Grounding
The ADC12191 can achieve impressive dynamic perfor-
mance. To achieve the best dynamic performance with the
ADC12191, the clock source driving the CLK input must be
free of jitter. For best ac performance, isolating the ADC
clock from any digital circuitry should be done with adequate
buffers, as with a clock tree. See
Figure 7.
It is good practice to keep the ADC clock line as short as
possible and to keep it well away from any other signals.
Other signals can introduce phase noise (jitter) into the clock
signal, which can lead to increased distortion. Even lines
with 90˚ crossings have capacitive coupling, so try to avoid
even these 90˚ crossings of the clock line.
7.0 Common Application Pitfalls
Driving the inputs (analog or digital) beyond the power
supply rails. For proper operation, all inputs should not go
more than 300mV beyond the supply rails (more than
DS101040-24
FIGURE 6. Layout example
DS101040-25
FIGURE 7. Isolating the ADC clock from other circuitry
with a clock tree.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com