Electronic Components Datasheet Search
  English  ▼

X  

MB9B560R Datasheet(PDF) 49 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 49 Page - SPANSION

Back Button MB9B560R Datasheet HTML 45Page - SPANSION MB9B560R Datasheet HTML 46Page - SPANSION MB9B560R Datasheet HTML 47Page - SPANSION MB9B560R Datasheet HTML 48Page - SPANSION MB9B560R Datasheet HTML 49Page - SPANSION MB9B560R Datasheet HTML 50Page - SPANSION MB9B560R Datasheet HTML 51Page - SPANSION MB9B560R Datasheet HTML 52Page - SPANSION MB9B560R Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 181 page
background image
D a t a S h e e t
48
MB9B560R_DS709-00001-2v0-E, February 2, 2015
CONFIDENTIAL
Pin Function
Pin Name
Function Description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Quadrature
Position/
Revolution
Counter
0
AIN0_0
QPRC ch.0 AIN input pin
24
19
14
97
J2
J2
AIN0_1
51
-
-
-
-
K8
AIN0_2
2
2
2
80
C1
C1
BIN0_0
QPRC ch.0 BIN input pin
25
20
15
98
J3
J3
BIN0_1
52
-
-
-
-
L9
BIN0_2
3
3
3
81
C2
C2
ZIN0_0
QPRC ch.0 ZIN input pin
26
21
16
99
K1
J4
ZIN0_1
53
-
-
-
-
K9
ZIN0_2
4
4
4
82
C3
D1
Quadrature
Position/
Revolution
Counter
1
AIN1_0
QPRC ch.1 AIN input pin
10
-
-
-
-
E4
AIN1_1
89
74
-
52
C12
C12
AIN1_2
48
43
33
21
L8
K7
BIN1_0
QPRC ch.1 BIN input pin
11
-
-
-
-
F1
BIN1_1
88
73
-
51
C13
D11
BIN1_2
49
44
34
22
M9
M8
ZIN1_0
QPRC ch.1 ZIN input pin
12
-
-
-
-
F2
ZIN1_1
87
72
-
50
D12
D12
ZIN1_2
50
45
35
23
L9
L8
Real-time
clock
RTCCO_0
0.5 seconds pulse output pin of Real-time
clock
115
95
75
73
B4
B4
RTCCO_1
64
54
43
32
K13
K11
RTCCO_2
23
18
13
96
J1
J1
SUBOUT_0
Sub clock output pin
115
95
75
73
B4
B4
SUBOUT_1
64
54
43
32
K13
K11
SUBOUT_2
23
18
13
96
J1
J1
USB
UDM0
USB function/host D
– pin
118
98
78
76
A3
A3
UDP0
USB function/host D + pin
119
99
79
77
A2
A2
UHCONX0
USB external pull-up control pin
115
95
75
73
B4
B4
Low-Power
Consumption
Mode
WKUP0
Deep standby mode return signal input pin 0
116
96
76
74
B3
B3
WKUP1
Deep standby mode return signal input pin 1
14
9
9
87
E3
F4
WKUP2
Deep standby mode return signal input pin 2
50
45
35
23
L9
L8
WKUP3
Deep standby mode return signal input pin 3
69
59
48
37
H12
H11
DAC
DA0
D/A converter ch.0 analog output pin
36
31
21
9
M4
L4
DA1
D/A converter ch.1 analog output pin
37
32
22
10
L5
K5
VBAT
VREGCTL
On-board regulator control pin
41
36
26
14
L6
L6
VWAKEUP
The return signal input pin from a hibernation
state
42
37
27
15
M7
K6
SD I/F
S_CLK_0
SD memory card interface
SD memory card clock output pin
92
77
62
55
A12
B13
S_CMD_0
SD memory card interface
SD memory card command output
93
78
63
56
B11
C10
S_DATA1_0
SD memory card interface
SD memory card data bus
94
79
64
57
B10
A11
S_DATA0_0
95
80
65
58
A10
B10
S_DATA3_0
96
81
66
59
A9
D9
S_DATA2_0
97
82
67
60
B9
C9
S_CD_0
SD memory card interface
SD memory card detection pin
113
93
73
71
C5
B5
S_WP_0
SD memory card interface
SD memory card write protection
114
94
74
72
B5
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com