Electronic Components Datasheet Search
  English  ▼

X  

MB9B560R Datasheet(PDF) 12 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 12 Page - SPANSION

Back Button MB9B560R Datasheet HTML 8Page - SPANSION MB9B560R Datasheet HTML 9Page - SPANSION MB9B560R Datasheet HTML 10Page - SPANSION MB9B560R Datasheet HTML 11Page - SPANSION MB9B560R Datasheet HTML 12Page - SPANSION MB9B560R Datasheet HTML 13Page - SPANSION MB9B560R Datasheet HTML 14Page - SPANSION MB9B560R Datasheet HTML 15Page - SPANSION MB9B560R Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 181 page
background image
D a t a S h e e t
February 2, 2015, MB9B560R_DS709-00001-2v0-E
11
CONFIDENTIAL
Clock Super Visor (CSV)
Clocks generated by internal CR oscillators are used to supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is asserted.
External OSC frequency anomaly is detected, interrupt or reset is asserted.
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC pins. When the voltage falls below the voltage
has been set, Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-power Consumption Mode
Six low-power consumption modes are supported.
SLEEP
TIMER
RTC
STOP
Deep standby RTC (selectable from with/without RAM retention)
Deep standby stop (selectable from with/without RAM retention)
VBAT
The consumption power during the RTC operation can be reduced by supplying the power supply
independent from the RTC (calendar circuit)/32 kHz oscillation circuit. The following circuits can also be
used.
RTC
32 kHz oscillation circuit
Power-on circuit
Back up register: 32 bytes
Port circuit
Voice Function
These features are enabled for the voice function.
A dedicated library is necessary for using the voice function.
Automatic Speech Recognition (ASR)
− 100 custom commands in multiple languages
− User commands defined with a text file (no audio input or training required)
Natural Language Understanding (NLU)
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide comprehensive debug and trace facilities.
Unique ID
Unique value of the device (41-bit) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com