Electronic Components Datasheet Search
  English  ▼

X  

MB9B560R Datasheet(PDF) 91 Page - SPANSION

Part # MB9B560R
Description  This document states the current technical specifications regarding
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B560R Datasheet(HTML) 91 Page - SPANSION

Back Button MB9B560R Datasheet HTML 87Page - SPANSION MB9B560R Datasheet HTML 88Page - SPANSION MB9B560R Datasheet HTML 89Page - SPANSION MB9B560R Datasheet HTML 90Page - SPANSION MB9B560R Datasheet HTML 91Page - SPANSION MB9B560R Datasheet HTML 92Page - SPANSION MB9B560R Datasheet HTML 93Page - SPANSION MB9B560R Datasheet HTML 94Page - SPANSION MB9B560R Datasheet HTML 95Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 181 page
background image
D a t a S h e e t
90
MB9B560R_DS709-00001-2v0-E, February 2, 2015
CONFIDENTIAL
Table 14-9 Typical and maximum current consumption in Deep Standby STOP mode, Deep Standby RTC mode and
VBAT
*1: VCC=3.3 V
*2: VCC=5.5 V
*3: When all ports are fixed.
*4: When LVD is OFF
*5: When sub oscillation is OFF
Parameter
Symbol
Pin
Name
Conditions
Frequency
Value
Unit
Remarks
Typ*1
Max*
2
Power
supply
current
ICCHD
VCC
Deep standby
STOP mode
(When RAM is
OFF)
-
29
140
µA
*3, *4
Ta=+25°C
-
644
µA
*3, *4
Ta=+85°C
-
1011
µA
*3, *4
Ta=+105°C
Deep standby
STOP mode
(When RAM is
ON)
48
273
µA
*3, *4
Ta=+25°C
-
2676
µA
*3, *4
Ta=+85°C
-
4162
µA
*3, *4
Ta=+105°C
ICCRD
Deep standby
RTC mode
(When RAM is
OFF)
32 kHz
29
140
µA
*3, *4
Ta=+25°C
-
644
µA
*3, *4
Ta=+85°C
-
1011
µA
*3, *4
Ta=+105°C
Deep standby
RTC mode
(When RAM is
ON)
48
273
µA
*3, *4
Ta=+25°C
-
2676
µA
*3, *4
Ta=+85°C
-
4162
µA
*3, *4
Ta=+105°C
ICCVBAT
VBAT
RTC stop
-
0.015
0.29
µA
*3, *4, *5
Ta=+25°C
-
5.77
µA
*3, *4, *5
Ta=+85°C
-
10.6
µA
*3, *4, *5
Ta=+105°C
RTC operation
1.53
22.6
µA
*3, *4
Ta=+25°C
-
35.2
µA
*3, *4
Ta=+85°C
-
41.8
µA
*3, *4
Ta=+105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com