| Electronic Components Datasheet Search |
|
MB9B560R Datasheet(PDF) 73 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B560R Datasheet(HTML) 73 Page - SPANSION |
|
73 / 181 page ![]() D a t a S h e e t 72 MB9B560R_DS709-00001-2v0-E, February 2, 2015 CONFIDENTIAL Function Group Power-on Reset or Low-voltage Detection State INITX Input State Device Internal Reset State Run Mode or Sleep Mode State Timer Mode, RTC Mode, or Stop Mode State Deep Standby RTC Mode or Deep Standby Stop Mode State Return from Deep Standby Mode State Power Supply Unstable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable ‐ INITX=0 INITX=1 INITX=1 INITX=1 INITX=1 INITX=1 ‐ ‐ ‐ ‐ SPL=0 SPL=1 SPL=0 SPL=1 - J Analog output selected Setting disabled Setting disabled Setting disabled Maintain previous state *2 *3 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected K External interrupt enabled selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Maintain previous state GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected Resource other than above selected Hi-Z Hi-Z / Input enabled Hi-Z / Input enabled Hi-Z / Internal input fixed at 0 GPIO selected L Analog input selected Hi-Z Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Hi-Z / Internal input fixed at 0 / Analog input enabled Resource other than above selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Hi-Z / Internal input fixed at 0 GPIO selected Internal input fixed at 0 Hi-Z / Internal input fixed at 0 GPIO selected GPIO selected |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |