Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MGE Datasheet(PDF) 43 Page - SPANSION

Part # MB9DF565MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MGE Datasheet(HTML) 43 Page - SPANSION

Back Button MB9DF565MGE Datasheet HTML 39Page - SPANSION MB9DF565MGE Datasheet HTML 40Page - SPANSION MB9DF565MGE Datasheet HTML 41Page - SPANSION MB9DF565MGE Datasheet HTML 42Page - SPANSION MB9DF565MGE Datasheet HTML 43Page - SPANSION MB9DF565MGE Datasheet HTML 44Page - SPANSION MB9DF565MGE Datasheet HTML 45Page - SPANSION MB9DF565MGE Datasheet HTML 46Page - SPANSION MB9DF565MGE Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
D at aS he e t
42
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Power Supply Pins
The device is designed to ensure that if the device contains multiple VCC5, VCC12 and VSS pins, the pins
that should be at the same potential are interconnected to prevent latch-up or other malfunctions.
Further, connect these pins to an external power supply or ground to reduce unwanted radiation, prevent
strobe signals from malfunctioning due to a raised ground level, and fulfill the total output current standard,
etc. As shown below, all VSS power supply pins must be treated in the similar way. If multiple VCC5 or
VCC12 or VSS systems are connected, the device cannot operate correctly even within the guaranteed
operating range.
Power Supply Input Pin
The power supply pins should be connected to VCC5, VCC12 and VSS of this device at the low impedance
from the power supply source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin
is recommended to use as a bypass capacitor between VCC5, VCC12 and VSS pins
Crystal Oscillation Circuit
An external noise to the X0 or X1 pin may cause a device malfunction. The printed circuit board must be
designed to lay out X0 and X1 pins, crystal oscillator (or ceramic resonator), and the bypass capacitor to be
grounded to the close position to the device.
The printed circuit board artwork is recommended to surround the X0 and X1 pins by ground circuits.
Mode Pin (MD1, MD0)
Connect the MD1, MD0 mode pin to the VCC5 or VSS pin directly. To prevent an erroneous selection of test
mode caused by the noise, reduce the pattern length between each mode pin and VCC5 or VSS pin on the
printed circuit board. Also, use the low-impedance pin connection.
Notes during PLL Clock Operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock may
continue to operate at the free running frequency of the self oscillator circuit built in the PLL. This operation
is not guaranteed.
VCC12
VSS
VCC5
VSS
VCC5
VCC12
VSS
VCC
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com