Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MGE Datasheet(PDF) 71 Page - SPANSION

Part # MB9DF565MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MGE Datasheet(HTML) 71 Page - SPANSION

Back Button MB9DF565MGE Datasheet HTML 67Page - SPANSION MB9DF565MGE Datasheet HTML 68Page - SPANSION MB9DF565MGE Datasheet HTML 69Page - SPANSION MB9DF565MGE Datasheet HTML 70Page - SPANSION MB9DF565MGE Datasheet HTML 71Page - SPANSION MB9DF565MGE Datasheet HTML 72Page - SPANSION MB9DF565MGE Datasheet HTML 73Page - SPANSION MB9DF565MGE Datasheet HTML 74Page - SPANSION MB9DF565MGE Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
D at aS he e t
70
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
(2) Internal Clock Timing
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Internal clock
frequency
FCD0_CLK
-
-
0
-
200
MHz
CD0_CLK
FCD4_CLK
-
-
0
-
200
MHz
CD4_CLK
FCLK_CPU0
-
-
0
-
200
MHz
CLK_CPU0
FCLK_CPU1
-
-
0
-
200
MHz
CLK_CPU1
FCLK_TFCLK0
-
-
0
-
80
MHz
CLK_TFCLK0
FCLK_TFCLK1
-
-
0
-
80
MHz
CLK_TFCLK1
FCLK_ATB
-
-
0
-
100
MHz
CLK_ATB
FCLK_DBG
-
-
0
-
50
MHz
CLK_DBG
FCLK_HPMPD2
-
-
0
-
200
MHz
CLK_HPMPD2
FCLK_DMA
-
-
0
-
200
MHz
CLK_DMA
FCLK_MEMC
-
-
0
-
200
MHz
CLK_MEMC
FCLK_WFCLK0
-
-
0
-
80
MHz
CLK_WFCLK0
FCLK_WFCLK1
-
-
0
-
80
MHz
CLK_WFCLK1
FCLK_SYSCPD1
-
-
0
-
100
MHz
CLK_SYSCPD1
FCLK_PERI0
-
-
0
-
100
MHz
CLK_PERI0
FCLK_PERI1
-
-
0
-
50
MHz
CLK_PERI1
FCLK_PERI4
-
-
0
-
100
MHz
CLK_PERI4
FCLK_PERI5
-
-
0
-
100
MHz
CLK_PERI5
FCLK_PERI6
-
-
0
-
50
MHz
CLK_PERI6
FCLK_PERI7
-
-
0
-
50
MHz
CLK_PERI7
FCLK_CLKO
-
-
0
-
200
MHz
CLK_CLKO
Internal clock cycle
time
tCD0_CLK
-
-
5
-
-
ns
CD0_CLK
tCD4_CLK
-
-
5
-
-
ns
CD4_CLK
tCLK_CPU0
-
-
5
-
-
ns
CLK_CPU0
tCLK_CPU1
-
-
5
-
-
ns
CLK_CPU1
tCLK_TFCLK0
-
-
12.5
-
-
ns
CLK_TFCLK0
tCLK_TFCLK1
-
-
12.5
-
-
ns
CLK_TFCLK1
tCLK_ATB
-
-
10
-
-
ns
CLK_ATB
tCLK_DBG
-
-
20
-
-
ns
CLK_DBG
tCLK_HPMPD2
-
-
5
-
-
ns
CLK_HPMPD2
tCLK_DMA
-
-
5
-
-
ns
CLK_DMA
tCLK_MEMC
-
-
5
-
-
ns
CLK_MEMC
tCLK_WFCLK0
-
-
12.5
-
-
ns
CLK_WFCLK0
tCLK_WFCLK1
-
-
12.5
-
-
ns
CLK_WFCLK1
tCLK_SYSCPD1
-
-
10
-
-
ns
CLK_SYSCPD1
tCLK_PERI0
-
-
10
-
-
ns
CLK_PERI0
tCLK_PERI1
-
-
20
-
-
ns
CLK_PERI1
tCLK_PERI4
-
-
10
-
-
ns
CLK_PERI4
tCLK_PERI5
-
-
10
-
-
ns
CLK_PERI5
tCLK_PERI6
-
-
20
-
-
ns
CLK_PERI6
tCLK_PERI7
-
-
20
-
-
ns
CLK_PERI7
tCLK_CLKO
-
-
5
-
-
ns
CLK_CLKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com