Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MGE Datasheet(PDF) 75 Page - SPANSION

Part # MB9DF565MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MGE Datasheet(HTML) 75 Page - SPANSION

Back Button MB9DF565MGE Datasheet HTML 71Page - SPANSION MB9DF565MGE Datasheet HTML 72Page - SPANSION MB9DF565MGE Datasheet HTML 73Page - SPANSION MB9DF565MGE Datasheet HTML 74Page - SPANSION MB9DF565MGE Datasheet HTML 75Page - SPANSION MB9DF565MGE Datasheet HTML 76Page - SPANSION MB9DF565MGE Datasheet HTML 77Page - SPANSION MB9DF565MGE Datasheet HTML 78Page - SPANSION MB9DF565MGE Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
D at aS he e t
74
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
(4) Power-on Conditions
(TA: Recommended operating conditions, VSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Level detection
voltage
-
VCC5
-
2.0
2.2
2.4
V
When turning
on power
-
VCC12
-
0.4
-
0.7
V
Level detection
hysteresis width
-
VCC5
-
-
-
150
mV
During
voltage drop
-
VCC12
-
-
-
50
mV
Level detection time
-
-
-
-
-
30
µ
s
*1
Power-on time
tR5
VCC5
-
0.11
-
30
ms
tR12
VCC12
-
0.05
-
0.6
ms
Power-off time
tOFF
VCC5
-
1
-
-
ms
*2
*1: If the fluctuation of the power supply is faster than the low-voltage detection time, there is the possibility
to generate or release after the power supply voltage has exceeded the detection voltage range.
*2: This time is to start the slope detection at next power on after power down and internal charge loss.
− Power-on , Power-off sequence
0.2Vcc
0.2Vcc
VCC5
VCC12
tR5
tR12
tOFF
2.0V
1.1V
NMIX + RSTX
Notes:
−
Power supply input procedure
Power supply should input same time VCC5 and VCC12, or VCC5 to up step.
Also, when power supply input, VCC12 is not over voltage of VCC5.
−
Power supply shutdown procedure
Power supply should shutdown same time VCC5 and VCC12, or VCC12 to up step.
Also, when power supply shutdown, VCC12 is not over voltage of VCC5.
−
Notes: When power supply input and power supply shutdown
When power supply input, power supply voltage until achieve to recommend operation guarantee
area, same time input for NMIX pin + RSTX pin.
When power supply shutdown, power supply voltage until achieve to recommend operation
guarantee area, same time input for NMIX pin + RSTX pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com