Electronic Components Datasheet Search
  English  ▼

X  

MB9DF565MGE Datasheet(PDF) 6 Page - SPANSION

Part # MB9DF565MGE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF565MGE Datasheet(HTML) 6 Page - SPANSION

Back Button MB9DF565MGE Datasheet HTML 2Page - SPANSION MB9DF565MGE Datasheet HTML 3Page - SPANSION MB9DF565MGE Datasheet HTML 4Page - SPANSION MB9DF565MGE Datasheet HTML 5Page - SPANSION MB9DF565MGE Datasheet HTML 6Page - SPANSION MB9DF565MGE Datasheet HTML 7Page - SPANSION MB9DF565MGE Datasheet HTML 8Page - SPANSION MB9DF565MGE Datasheet HTML 9Page - SPANSION MB9DF565MGE Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
5
CONFIDENTIAL
2. Features
Function
Description
Technology
−
CMOS 90nm technology
CPU
−
ARM Cortex®-R5F
−
32-bit ARM architecture
−
2-instruction issuance super scalar
−
8-stage pipeline
−
ARMv7 / Thumb®-2 instruction set
−
Floating-Point Unit (FPU)
Double precision
−
Memory protection Unit (MPU)
16 area
−
ECC support for the TCM port
1-bit error correction, 2-bit error detection ECC (SEC-DED)
−
TCM port
2 TCM ports
−
ATCM port
−
BTCM 2 ports (B0TCM, B1TCM)
−
VIC port
Low latency interrupt
−
AXI master interface
64-bit AXI interface (instruction / data access)
32-bit AXI interface (I/O access)
−
AXI slave interface
64-bit AXI interface (accessible to TCM port)
−
CPU configuration
2 CPUs (AMP operation)
−
Operating frequency
Maximum 200 MHz
−
Trace with ETM-R5
Debugging
−
ARM CoreSightTM Technology
Each CPU embedded Embedded Trace Macro (ETM), trace support of CPU operation
−
Debugging interface
JTAG (5 pin )
Support clock : maximum 20 MHz
−
Debugging security support
128-bit security key (Device security key)
−
Wakeup function on JTAG
Operation mode
−
User mode
Normal mode (internal memory activation)
−
Serial writer mode
Clock control
−
Internal clock source
Fast-CR oscillation (8 MHz)
Slow-CR oscillation (100 kHz)
−
External oscillation input
Main clock input
−
Embedded PLL
Main PLL (Multiplying clock of main oscillation )
−
Oscillator stabilized timer
Support oscillator stabilized timer for all clock source independently
After a lapse of oscillator stabilized time, it is able to use source clock timer (Except PLL for FlexRay/RDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com